Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4845ITL Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4845ITL
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4845ITL Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4845ITL Datasheet HTML 2Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 3Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 4Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 5Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 6Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 7Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 8Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 9Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical Characteristics 3.3V (Notes 2, 7) (Continued)
The following specifications apply for V
DD = 3.3V, TA = 25˚C unless otherwise specified. [AV = 2 (BTL), AV = 1 (SE)]
Symbol
Parameter
Conditions
LM4845
Units
(Limits)
Typical
(Note 4)
Limits
(Note 5)
Digital Volume Range
(R
IN and LIN)
Input referred maximum attenuation
-54
–54.75
–53.25
dB (min)
dB (max)
Input referred maximum gain
18
17.25
18.75
dB (min)
dB (max)
Mute Attenuation
Output Mode 1, 3, 5
80
dB
Phone In Input Impedance
R
IN and LIN Input Impedance
Maximum gain setting
11
8
14
k
Ω (min)
k
Ω (max)
Maximum attenuation setting
100
75
125
k
Ω (min)
k
Ω (max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com