Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST87W Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41ST87W
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41ST87W Datasheet HTML 2Page - STMicroelectronics M41ST87W Datasheet HTML 3Page - STMicroelectronics M41ST87W Datasheet HTML 4Page - STMicroelectronics M41ST87W Datasheet HTML 5Page - STMicroelectronics M41ST87W Datasheet HTML 6Page - STMicroelectronics M41ST87W Datasheet HTML 7Page - STMicroelectronics M41ST87W Datasheet HTML 8Page - STMicroelectronics M41ST87W Datasheet HTML 9Page - STMicroelectronics M41ST87W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
M41ST87Y, M41ST87W
6/42
Figure 2. Logic Diagram
Note: 1. Open drain output
2. Programmable output (Open drain or Full-CMOS)
Figure 3. 28-pin, 300mil SOIC (MX)
Connections
Note: No Function (NF) and No Connect (NC) pins should be tied
to VSS. Pins 1, 2, 3, and 4 are internally shorted together.
Table 1. Signal Names
Note: 1. Open drain output
2. Programmable output (Open drain or Full-CMOS)
3. Should be connected to VSS.
AI07023
SCL
VCC
M41ST87Y
M41ST87W
EX
VSS
VBAT
SDA
RSTIN1
IRQ/OUT
(1)
SQW/FT
(2)
WDI
RSTIN2
TP1IN
PFI2
TP2IN
PFI1
ECON
RST
(1)
PFO1
(2)
PFO2
(2)
VOUT
F32k
(1)
TPCLR
AI07025b
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN1
RSTIN2
PFI2
NF
NC
SQW/FT
WDI
NF
NC
IRQ/OUT
F32k
VOUT
TP1IN
EX
PFI1
SCL
TPCLR
PFO1
ECON
VSS
VBAT
TP2IN
SDA
RST
NF
NF
VCC
M41ST87Y
M41ST87W
PFO2
ECON
Conditioned Chip Enable Output
EX
External Chip Enable
IRQ/OUT(1)
Interrupt/Out Output
(Open drain)
PFI1
Power Fail Input 1
PFI2
Power Fail Input 2
PFO1
(2)
Power Fail Output 1
PFO2
(2)
Power Fail Output 2
RST(1)
Reset Output (Open Drain)
RSTIN1
Reset 1 Input
RSTIN2
Reset 2 Input
SCL
Serial Clock Input
SDA
Serial Data Input/Output
SQW/FT(2)
Square Wave Output/Frequency
Test
WDI
Watchdog Input
VCC
Supply Voltage
VOUT
Voltage Output
VSS
Ground
F32k
(1)
32kHz Square Wave Output
(Open drain)
TP1IN
Tamper Pin 1 Input
TP2IN
Tamper Pin 2 Input
TPCLR
Tamper Pin RAM Clear
VBAT
Positive Battery Pin Input
NF(3)
No Function
NC(3)
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com