Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7653ASTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7653ASTZ
Description  16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653ASTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7653ASTZ Datasheet HTML 12Page - Analog Devices AD7653ASTZ Datasheet HTML 13Page - Analog Devices AD7653ASTZ Datasheet HTML 14Page - Analog Devices AD7653ASTZ Datasheet HTML 15Page - Analog Devices AD7653ASTZ Datasheet HTML 16Page - Analog Devices AD7653ASTZ Datasheet HTML 17Page - Analog Devices AD7653ASTZ Datasheet HTML 18Page - Analog Devices AD7653ASTZ Datasheet HTML 19Page - Analog Devices AD7653ASTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Data Sheet
AD7653
Rev. C | Page 15 of 26
CIRCUIT INFORMATION
SWA
COMP
SWB
IN
REF
REFGND
LSB
MSB
32,768C
INGND
16,384C
4C
2C
C
C
65,536C
CONTROL
LOGIC
SWITCHES
CONTROL
BUSY
OUTPUT
CODE
02966-0-005
CNVST
Figure 20. ADC Simplified Schematic
The AD7653 is a very fast, low power, single supply, precise
16-bit analog-to-digital converter (ADC). The AD7653 features
different modes to optimize performance according to the
application. In Warp mode, the part can convert 1 million
samples per second.
The AD7653 provides the user with an on-chip track/hold,
successive approximation ADC that does not exhibit any
pipeline or latency, making it ideal for multiple multiplexed
channel applications.
The AD7653 can be operated from a single 5 V supply and can
be interfaced to either 5 V or 3 V digital logic. It is housed in
either a 48-lead LQFP or a 48-lead LFCSP that saves space and
allows flexible configurations as either a serial or a parallel
interface. The AD7653 is a pin-to-pin compatible upgrade of
the AD7651/AD7652.
CONVERTER OPERATION
The AD7653 is a successive approximation ADC based on a
charge redistribution DAC. Figure 20 shows a simplified
schematic of the ADC. The capacitive DAC consists of an array
of 16 binary weighted capacitors and an additional LSB
capacitor. The comparator’s negative input is connected to a
dummy capacitor of the same value as the capacitive DAC array.
During the acquisition phase, the common terminal of the array
tied to the comparator’s positive input is connected to AGND
via SWA. All independent switches are connected to the analog
input IN. Thus, the capacitor array is used as a sampling
capacitor and acquires the analog signal on IN. Similarly, the
dummy capacitor acquires the analog signal on INGND.
When CNVST goes LOW, a conversion phase is initiated. When
the conversion phase begins, SWA and SWB are opened. The
capacitor array and dummy capacitor are then disconnected
from the inputs and connected to REFGND. Therefore, the
differential voltage between IN and INGND captured at the end
of the acquisition phase is applied to the comparator inputs,
causing the comparator to become unbalanced. By switching
each element of the capacitor array between REFGND and REF,
the comparator input varies by binary weighted voltage steps
(VREF/2, VREF/4, …VREF/65536). The control logic toggles
these switches, starting with the MSB, to bring the comparator
back into a balanced condition.
After this process is completed, the control logic generates the
ADC output code and brings the BUSY output LOW.
Modes of Operation
The AD7653 features three modes of operations: Warp, Normal,
and Impulse. Each mode is best suited for specific applications.
Warp mode allows the fastest conversion rate up to 1 MSPS.
However in this mode and this mode only, the full specified
accuracy is guaranteed only when the time between conversions
does not exceed 1 ms. If the time between two consecutive
conversions is longer than 1 ms (e.g., after power-up), the first
conversion result should be ignored. This mode makes the
AD7653 ideal for applications where both high accuracy and
fast sample rate are required.
Normal mode is the fastest mode (800 kSPS) without any
limitations on the time between conversions. This mode makes
the AD7653 ideal for asynchronous applications such as data
acquisition systems, where both high accuracy and fast sample
rate are required.
Impulse mode, the lowest power dissipation mode, allows
power saving between conversions. When operating at 1 kSPS,
for example, it typically consumes only 138 µW. This feature
makes the AD7653 ideal for battery-powered applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com