Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C46CT-E/MSG Datasheet(PDF) 1 Page - Microchip Technology

Part # 93C46CT-E/MSG
Description  1K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C46CT-E/MSG Datasheet(HTML) 1 Page - Microchip Technology

  93C46CT-E/MSG Datasheet HTML 1Page - Microchip Technology 93C46CT-E/MSG Datasheet HTML 2Page - Microchip Technology 93C46CT-E/MSG Datasheet HTML 3Page - Microchip Technology 93C46CT-E/MSG Datasheet HTML 4Page - Microchip Technology 93C46CT-E/MSG Datasheet HTML 5Page - Microchip Technology 93C46CT-E/MSG Datasheet HTML 6Page - Microchip Technology 93C46CT-E/MSG Datasheet HTML 7Page - Microchip Technology 93C46CT-E/MSG Datasheet HTML 8Page - Microchip Technology 93C46CT-E/MSG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21749D-page 1
93AA46A/B/C, 93LC46A/B/C,
93C46A/B/C
Device Selection Table
Features
• Low-power CMOS technology
• ORG pin to select word size for ‘46C version
• 128 x 8-bit organization ‘A’ ver. devices (no ORG)
• 64 x 16-bit organization ‘B’ ver. devices (no ORG)
• Self-timed ERASE/WRITE cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power-on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device Status signal (READY/BUSY)
• Sequential READ function
• 1,000,000 E/W cycles
• Data retention > 200 years
• Temperature ranges supported
Pin Function Table
Description
The Microchip Technology Inc. 93XX46A/B/C devices
are 1K bit low voltage serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93AA46C, 93LC46C or 93C46C are dependent
upon external logic levels driving the ORG pin to set
word size. For dedicated 8-bit communication, the
93AA46A, 93LC46A or 93C46A devices are available,
while the 93AA46B, 93LC46B and 93C46B devices
provide dedicated 16-bit communication. Advanced
CMOS technology makes these devices ideal for low
power, nonvolatile memory applications. The entire
93XX Series is available in standard packages includ-
ing 8-lead PDIP and SOIC, and advanced packaging
including 8-lead MSOP, 6-lead SOT-23, and 8-lead
TSSOP. Pb-free (Pure Matte Sn) finish is also
available.
Package Types (not to scale)
Part Number
VCC Range
ORG Pin
Word Size
Temp Ranges
Packages
93AA46A
1.8-5.5
No
8-bit
I
P, SN, ST, MS, OT
93AA46B
1.8-5-5
No
16-bit
I
P, SN, ST, MS, OT
93LC46A
2.5-5.5
No
8-bit
I, E
P, SN, ST, MS, OT
93LC46B
2.5-5.5
No
16-bit
I, E
P, SN, ST, MS, OT
93C46A
4.5-5.5
No
8-bit
I, E
P, SN, ST, MS, OT
93C46B
4.5-5.5
No
16-bit
I, E
P, SN, ST, MS, OT
93AA46C
1.8-5.5
Yes
8 or 16-bit
I
P, SN, ST, MS
93LC46C
2.5-5.5
Yes
8 or 16-bit
I, E
P, SN, ST, MS
93C46C
4.5-5.5
Yes
8 or 16-bit
I, E
P, SN, ST, MS
- Industrial (I)
-40°C to
+85°C
- Automotive (E)
-40°C to +125°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
NC
No internal connection
ORG
Memory Configuration
VCC
Power Supply
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
PDIP/SOIC
(P, SN)
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
ROTATED SOIC
(ex: 93LC46BX)
TSSOP/MSOP
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
ORG*
VSS
(ST, MS)
SOT-23
DO
VSS
DI
1
2
3
6
5
4
VCC
CS
CLK
(OT)
* ORG pin is NC on A/B devices
1K Microwire Compatible Serial EEPROM


Similar Part No. - 93C46CT-E/MSG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C46CT-E/MSG MICROCHIP-93C46CT-E/MSG Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
More results

Similar Description - 93C46CT-E/MSG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93LC46AB MICROCHIP-93LC46AB Datasheet
250Kb / 12P
1K 2.5V Microwire Serial EEPROM
2000 - 2001
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93AA46A MICROCHIP-93AA46A_07 Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
1K 5.0V Microwire Serial EEPROM
1996
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
1K Microwire Compatible Serial EEPROM
2010
93AA46A MICROCHIP-93AA46A_11 Datasheet
915Kb / 36P
1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com