Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC280 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 15Page - Micrel Semiconductor MIC280 Datasheet HTML 16Page - Micrel Semiconductor MIC280 Datasheet HTML 17Page - Micrel Semiconductor MIC280 Datasheet HTML 18Page - Micrel Semiconductor MIC280 Datasheet HTML 19Page - Micrel Semiconductor MIC280 Datasheet HTML 20Page - Micrel Semiconductor MIC280 Datasheet HTML 21Page - Micrel Semiconductor MIC280 Datasheet HTML 22Page - Micrel Semiconductor MIC280 Datasheet HTML 23Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
MIC280
Micrel
MIC280
22
November 2004
on these devices. To allow for this, the MIC280
has superb rejection of noise appearing from
collector to GND.
4. Due to the small currents involved in the mea-
surement of the remote diode’s ∆VBE, it is
important to adequately clean the PC board after
soldering to prevent current leakage. This is
most likely to show up as an issue in situations
where water-soluble soldering fluxes are used.
5. In general, wider traces for the ground and T1
lines will help reduce susceptibility to radiated
noise (wider traces are less inductive). Use trace
widths and spacing of 10 mils wherever possible
and provide a ground plane under the MIC280
and under the connections from the MIC280 to
the remote diode. This will help guard against
stray noise pickup.
REMOTE DIODE (T1)
GUARD/RETURN
1
2
VDD
GND
T1
6
5
4
3
/INT
DATA
CLK
GUARD/RETURN
MIC280
Figure 6. Guard Traces/Kelvin Ground Returns
DATA
5
4
6
2
3
1
TO
SERIAL BUS
HOST
2N3906/�
CPU DIODE
1800pF
MIC280
CLK
/INT
3V to 3.6V
100Ω
3 ×
10k
VDD
T1
GND
0.1µF
ceramic
4.7µF
Figure 7. VDD Decoupling for Very Noisy Supplies
6. Always place a good quality power supply
bypass capacitor directly adjacent to, or under-
neath, the MIC280. This should be a 0.1 µF ce-
ramic capacitor. Surface-mount parts provide the
best bypassing because of their low inductance.
7. When the MIC280 is being powered from par-
ticularly noisy power supplies, or from supplies
which may have sudden high-amplitude spikes
appearing on them, it can be helpful to add ad-
ditional power supply filtering. This should be
implemented as a 100Ω resistor in series with
the part’s VDD pin, and a 4.7 µF, 6.3V electrolytic
capacitor from VDD to GND. See Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com