Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2205 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2205
Description  2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2205 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2205 Datasheet HTML 8Page - Micrel Semiconductor MIC2205 Datasheet HTML 9Page - Micrel Semiconductor MIC2205 Datasheet HTML 10Page - Micrel Semiconductor MIC2205 Datasheet HTML 11Page - Micrel Semiconductor MIC2205 Datasheet HTML 12Page - Micrel Semiconductor MIC2205 Datasheet HTML 13Page - Micrel Semiconductor MIC2205 Datasheet HTML 14Page - Micrel Semiconductor MIC2205 Datasheet HTML 15Page - Micrel Semiconductor MIC2205 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel, Inc.
MIC2205
April 2005
13
M9999-041105
www.micrel.com
Applications Information
The MIC2205 is a 600mA PWM power supply that
utilizes a LOWQ™ light load mode to maximize
battery efficiency in light load conditions. This is
achieved with a LOWQ control pin that when pulled
low, shuts down all the biasing and drive current for
the PWM regulator, drawing only 18
µA of operating
current. This allows the output to be regulated
through the LDO output, capable of providing 60mA
of output current. This method has the advantage of
producing a clean, low current, ultra low noise output
in LOWQ™ mode. During LOWQ™ mode, the SW
node becomes high impedance, blocking current
flow. Other methods of reducing quiescent current,
such as pulse frequency modulation (PFM) or
bursting techniques, create large amplitude, low
frequency ripple voltages that can be detrimental to
system operation.
When more than 60mA is required, the LOWQ pin
can be forced high, causing the MIC2205 to enter
PWM mode. In this case, the LDO output makes a
"hand-off" to the PWM regulator with virtually no
variation in output voltage. The LDO output then
turns off allowing up to 600mA of current to be
efficiently supplied through the PWM output to the
load.
Input Capacitor
A minimum 1
µF ceramic is recommended on the
VIN pin for bypassing. X5R or X7R dielectrics are
recommended
for
the
input
capacitor.
Y5V
dielectrics lose most of their capacitance over
temperature and are therefore, not recommended.
A minimum 1
µF is recommended close to the VIN
and PGND pins for high frequency filtering. Smaller
case size capacitors are recommended due to their
lower
ESR
and
ESL. Please
refer
to
layout
recommendations for proper layout of the input
capacitor.
Output Capacitor
Even though the MIC2205 is optimized for a 2.2
µF
output capacitor, output capacitance can be varied
from 1
µF to 4.7µF. The MIC2205 utilizes type III
internal compensation and utilizes an internal high
frequency zero to compensate for the double pole
roll off of the LC filter. For this reason, larger output
capacitors can create instabilities. X5R or X7R
dielectrics
are
recommended
for
the
output
capacitor.
Y5V
dielectrics
lose
most
of
their
capacitance over temperature and are therefore, not
recommended.
In addition to a 2.2
µF, a small 10nF is recommended
close to the load for high frequency filtering. Smaller
case size capacitors are recommended due to there
lower ESR and ESL.
Inductor Selection
The MIC2205 is designed for use with a 2.2
µH
inductor.
Proper
selection
should
ensure
the
inductor can handle the maximum average and peak
currents required by the load. Maximum current
ratings of the inductor are generally given in two
methods; permissible DC current and saturation
current. Permissible DC current can be rated either
for a 40°C temperature rise or a 10% to 20% loss in
inductance. Ensure that the inductor selected can
handle the maximum operating current. When
saturation current is specified, make sure that there
is enough margin that the peak current will not
saturate the inductor. Peak inductor current can be
calculated as follows:
L
f
2
V
V
1
V
I
I
IN
OUT
OUT
OUT
PK
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com