Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX83 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # BPX83
Description  Miniature photointerrupters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX83 Datasheet(HTML) 3 Page - OSRAM GmbH

  BPX83 Datasheet HTML 1Page - OSRAM GmbH BPX83 Datasheet HTML 2Page - OSRAM GmbH BPX83 Datasheet HTML 3Page - OSRAM GmbH BPX83 Datasheet HTML 4Page - OSRAM GmbH BPX83 Datasheet HTML 5Page - OSRAM GmbH BPX83 Datasheet HTML 6Page - OSRAM GmbH BPX83 Datasheet HTML 7Page - OSRAM GmbH BPX83 Datasheet HTML 8Page - OSRAM GmbH BPX83 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.3
BPX 80, BPX 82 ... BPX 89
2016-01-04
3
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 80
°C
Collector-emitter voltage
V
CE
35
V
Collector current
I
C
50
mA
Collector surge current
(τ < 10 µs)
I
CS
200
mA
Emitter-collector voltage
VEC
7
V
Total Power dissipation
Ptot
90
mW
Thermal resistance
RthJA
750
K / W
Electrostatic discharge
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Parameter
Symbol
Values
Unit
Wavelength of max. sensitivity
(typ)
λ
S max
850
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 450
... 1100
nm
Radiant sensitive area
(typ)
A
0.11
mm
2
Dimensions of chip area
(typ)
L x W
(typ) 0.55 x
0.55
mm x
mm
Half angle
(typ)
ϕ
± 18
°
Capacitance
(V
CE = 0 V, f = 1 MHz, E = 0)
(typ)
CCE
7.5
pF
Dark current
(V
CE = 20 V, E = 0)
(typ (max)) I
CE0
1 (≤ 50)
nA
Rise and fall time
(IC = 1 mA, VCC = 5 V, RL = 1 kΩ)
(typ)
t
r, tf
6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com