Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX89 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # BPX89
Description  Miniature photointerrupters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX89 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button BPX89 Datasheet HTML 3Page - OSRAM GmbH BPX89 Datasheet HTML 4Page - OSRAM GmbH BPX89 Datasheet HTML 5Page - OSRAM GmbH BPX89 Datasheet HTML 6Page - OSRAM GmbH BPX89 Datasheet HTML 7Page - OSRAM GmbH BPX89 Datasheet HTML 8Page - OSRAM GmbH BPX89 Datasheet HTML 9Page - OSRAM GmbH BPX89 Datasheet HTML 10Page - OSRAM GmbH BPX89 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2016-01-04
8
Version 1.3
BPX 80, BPX 82 ... BPX 89
Transistors
Number of Transistors per Array
Dimensions "B"
2
4.5 ... 4.9
3
7.0 ... 7.4
4
9.6 ... 10.0
5
12.1 ... 12.5
6
14.6 ... 16.0
7
17.2 ... 17.6
8
19.7 ... 20.1
9
22.3 ... 22.7
10
24.8 ... 25.2
Package
Miniature Array, Epoxy
Approximate Weight:
0.2 g
TTW Soldering
IEC-61760-1 TTW
0
0
s
OHA04645
50
100
150
200
250
300
t
T
˚C
235 ˚C - 260 ˚C
First wave
20
40
60
80
100
120
140
160
180
200
220
240
Second wave
10 s max., max. contact time 5 s per wave
Preheating
T
∆
100 ˚C
120 ˚C
130 ˚C
Typical
Cooling
ca. 3.5 K/s typical
ca. 2 K/s
ca. 5 K/s
Continuous line: typical process
Dotted line: process limits
< 150 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com