Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3839 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3839
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3839 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3839 Datasheet HTML 1Page - Micrel Semiconductor MIC3839 Datasheet HTML 2Page - Micrel Semiconductor MIC3839 Datasheet HTML 3Page - Micrel Semiconductor MIC3839 Datasheet HTML 4Page - Micrel Semiconductor MIC3839 Datasheet HTML 5Page - Micrel Semiconductor MIC3839 Datasheet HTML 6Page - Micrel Semiconductor MIC3839 Datasheet HTML 7Page - Micrel Semiconductor MIC3839 Datasheet HTML 8Page - Micrel Semiconductor MIC3839 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC3838/3839
Micrel
MIC3838/3839
2
August 2003
Ordering Information
Turn On
Turn Off
Part Number
Threshold
Threshold
Temperature Range
Package
MIC3838BMM
12.5V
8.3V
–40
°C to +85°C
MSOP-10
MIC3839BMM
4.3V
4.1V
–40
°C to +85°C
MSOP-10
Pin Configuration
1
COMP
FB
ILIM
RAMP
10 VREF
VDD
OUTA
OUTB
9
8
7
2
3
4
RC
GND
6
5
MSOP-10 (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
COMP is the output of the error amplifier and the input of the PWM
comparator. The error amplifier in the MIC3838 is a true low-output imped-
ance, 4MHz operational amplifier. As such, the COMP pin can both source
and sink current. However, the error amplifier is internally current limited, so
that zero duty cycle can be externally forced by pulling COMP to GND.
The MIC3838 family features built-in full cycle soft start. Soft start is imple-
mented as a clamp on the maximum COMP voltage.
2
FB
The inverting input to the error amplifier.
3
ILIM
The input to the peak current, and overcurrent comparators. The
overcurrent comparator is only intended for fault sensing. Exceeding the
overcurrent threshold will cause a soft start cycle. An internal MOSFET
discharges the current sense filter capacitor to improve dynamic perfor-
mance of the power converter.
4
RAMP
Input to the PWM comparator. Sawtooth ramp for PWM control. Allows for
either current-mode or voltage-mode control. An internal MOSFET dis-
charges the current sense filter capacitor.
5
RC
The oscillator programming pin. Only two components are required to
program the oscillator, a resistor (tied between V
DD and RC), and a capaci-
tor (tied between RC and GND). The approximate oscillator frequency is
determined by the simple formula:
F
1.41
RC
OSCILLATOR =
×
The recommended range of timing resistors is between 7k
Ω and 200kΩ and
range of timing capacitors is between 100pF and 1000pF. Timing resistors
less than 7k
Ω should be avoided. For best performance, keep the leads
between components as short as possible. Separate ground and VDD
traces to the external timing network are encouraged.
6
GND
Ground. Return path for signal and gate drive functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com