Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90255BA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MLX90255BA
Description  Linear Optical Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90255BA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MLX90255BA Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Datasheet
MLX90255BA
Linear Optical Array
MLX90255BA Linear Optical Array
Page 2
Rev 1.2 08-Aug-01
3901090255
MLX90255BA Electrical Specifications
DC Operating Parameters TA = -40
oC to 125oC, V
DD = 4.5V to 5.5V (unless otherwise specified)
parameter
symbol test conditions
Min
typ
max
units
Supply voltage
Vdd
4.5
5
5.5
V
Input voltage
Vi
0
Vdd
V
High-level input voltage
Vih
Vdd*0.7
Vdd
V
Low-level input voltage
Vil
0
Vdd*0.3
V
Hysteresis on SI and CLK
0.2
0.4
0.8
V
Wavelength of light source
400
1000
nm
Clock frequency
Fclock
64
1024
kHz
Sensor integration time below
60°C (1)
Tint
0.125
100
ms
Sensor integration time (full
temperature range) (2)
Tint
0.125
2
ms
Pixel charge transfer time (full
temp range)
Tqt
8
µs
Setup time, serial input
Tsu(SI)
350
ns
Hold time, serial input (3)
Th(SI)
40
ns
Operating free-air temperature
Ta
-40
125
°C
Clock pulse duration (high)
Tw(H)
320
ns
Clock pulse duration (low)
Tw(L)
320
ns
Notes:
(1) Reset until clock pulse 18 (on declining flank).
Minimum integration time = (133-18) * CLK period + 10µs (this is the time the S&H cap needs to follow).
At 1MHz clock speed, the minimum integration time becomes 0.125ms.
(2) At 125°C, the integration time should be limited to 2ms.
(3) The SI pulse must go low before the rising edge of the next clock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com