Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCR-59S830-R Datasheet(PDF) 11 Page - Teledyne Technologies Incorporated

Part # CCR-59S830-R
Description  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-59S830-R Datasheet(HTML) 11 Page - Teledyne Technologies Incorporated

Back Button CCR-59S830-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCR-59S830-R Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-59S/CR-59S Page 11
CCR-59S\CR-59S\07013\Q3
Series CCR-59S/CR-59S
Multi-Throw DC-26.5 GHz
Latching Coaxial Switch
COAX SWITCHES
LATCHING CCR-59S/CR-59S PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.PART NO.
1
CCR-59SX3C
43
CCR-59SX3O-TMS
85
CCR-59SX4O-TDS
127
CCR-59SX5O-TDM
2
CCR-59SX3C-D
44
CCR-59SX3O-TS
86
CCR-59SX4O-TM
128
CCR-59SX5O-TDMS
3
CCR-59SX3C-DM
45
CCR-59SX4C
87
CCR-59SX4O-TMS
129
CCR-59SX5O-TDS
4
CCR-59SX3C-DR
46
CCR-59SX4C-D
88
CCR-59SX4O-TS
130
CCR-59SX5O-TM
5
CCR-59SX3C-DRM
47
CCR-59SX4C-DM
89
CCR-59SX5C
131
CCR-59SX5O-TMS
6
CCR-59SX3C-DRS
48
CCR-59SX4C-DR
90
CCR-59SX5C-D
132
CCR-59SX5O-TS
7
CCR-59SX3C-DS
49
CCR-59SX4C-DRM
91
CCR-59SX5C-DM
133
CCR-59SX6C
8
CCR-59SX3C-M
50
CCR-59SX4C-DRS
92
CCR-59SX5C-DR
134
CCR-59SX6C-D
9
CCR-59SX3C-MS
51
CCR-59SX4C-DS
93
CCR-59SX5C-DRM
135
CCR-59SX6C-DM
10
CCR-59SX3C-R
52
CCR-59SX4C-M
94
CCR-59SX5C-DRS
136
CCR-59SX6C-DR
11
CCR-59SX3C-RM
53
CCR-59SX4C-MS
95
CCR-59SX5C-DS
137
CCR-59SX6C-DRM
12
CCR-59SX3C-RMS
54
CCR-59SX4C-R
96
CCR-59SX5C-M
138
CCR-59SX6C-DRS
13
CCR-59SX3C-RS
55
CCR-59SX4C-RM
97
CCR-59SX5C-MS
159
CCR-59SX6C-DS
14
CCR-59SX3C-S
56
CCR-59SX4C-RMS
98
CCR-59SX5C-R
140
CCR-59SX6C-M
15
CCR-59SX3C-T
57
CCR-59SX4C-RS
99
CCR-59SX5C-RM
141
CCR-59SX6C-MS
16
CCR-59SX3C-TD
58
CCR-59SX4C-S
100
CCR-59SX5C-RMS
142
CCR-59SX6C-R
17
CCR-59SX3C-TDM
59
CCR-59SX4C-T
101
CCR-59SX5C-RS
143
CCR-59SX6C-RM
18
CCR-59SX3C-TDMS
60
CCR-59SX4C-TD
102
CCR-59SX5C-S
144
CCR-59SX6C-RMS
19
CCR-59SX3C-TDS
61
CCR-59SX4C-TDM
103
CCR-59SX5C-T
145
CCR-59SX6C-RS
20
CCR-59SX3C-TM
62
CCR-59SX4C-TDMS
104
CCR-59SX5C-TD
146
CCR-59SX6C-S
21
CCR-59SX3C-TMS
63
CCR-59SX4C-TDS
105
CCR-59SX5C-TDM
147
CCR-59SX6C-T
22
CCR-59SX3C-TS
64
CCR-59SX4C-TM
106
CCR-59SX5C-TDMS
148
CCR-59SX6C-TD
23
CCR-59SX3O
65
CCR-59SX4C-TMS
107
CCR-59SX5C-TDS
149
CCR-59SX6C-TDM
24
CCR-59SX3O-D
66
CCR-59SX4C-TS
108
CCR-59SX5C-TM
150
CCR-59SX6C-TDMS
25
CCR-59SX3O-DM
67
CCR-59SX4O
109
CCR-59SX5C-TMS
151
CCR-59SX6C-TDS
26
CCR-59SX3O-DR
68
CCR-59SX4O-D
110
CCR-59SX5C-TS
152
CCR-59SX6C-TM
27
CCR-59SX3O-DRM
69
CCR-59SX4O-DM
111
CCR-59SX5O
153
CCR-59SX6C-TMS
28
CCR-59SX3O-DRS
70
CCR-59SX4O-DR
112
CCR-59SX5O-D
154
CCR-59SX6C-TS
29
CCR-59SX3O-DS
71
CCR-59SX4O-DRM
113
CCR-59SX5O-DM
155
CCR-59SX6O
30
CCR-59SX3O-M
72
CCR-59SX4O-DRS
114
CCR-59SX5O-DR
156
CCR-59SX6O-D
31
CCR-59SX3O-MS
73
CCR-59SX4O-DS
115
CCR-59SX5O-DRM
157
CCR-59SX6O-DM
32
CCR-59SX3O-R
74
CCR-59SX4O-M
116
CCR-59SX5O-DRS
158
CCR-59SX6O-DR
33
CCR-59SX3O-RM
75
CCR-59SX4O-MS
117
CCR-59SX5O-DS
159
CCR-59SX6O-DRM
34
CCR-59SX3O-RMS
76
CCR-59SX4O-R
118
CCR-59SX5O-M
160
CCR-59SX6O-DRS
35
CCR-59SX3O-RS
77
CCR-59SX4O-RM
119
CCR-59SX5O-MS
161
CCR-59SX6O-DS
36
CCR-59SX3O-S
78
CCR-59SX4O-RMS
120
CCR-59SX5O-R
162
CCR-59SX6O-M
37
CCR-59SX3O-T
79
CCR-59SX4O-RS
121
CCR-59SX5O-RM
163
CCR-59SX6O-MS
38
CCR-59SX3O-TD
80
CCR-59SX4O-S
122
CCR-59SX5O-RMS
164
CCR-59SX6O-R
59
CCR-59SX3O-TDM
81
CCR-59SX4O-T
123
CCR-59SX5O-RS
165
CCR-59SX6O-RM
40
CCR-59SX3O-TDMS
82
CCR-59SX4O-TD
124
CCR-59SX5O-S
166
CCR-59SX6O-RMS
41
CCR-59SX3O-TDS
83
CCR-59SX4O-TDM
125
CCR-59SX5O-T
167
CCR-59SX6O-RS
42
CCR-59SX3O-TM
84
CCR-59SX4O-TDMS
126
CCR-59SX5O-TD
168
CCR-59SX6O-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com