| Electronic Components Datasheet Search |
|
MN85571AC Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
MN85571AC Datasheet(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 16 page ![]() MN85571AC 4 SDD00023AEM s Internal Resource Mapping (continued) 2. Indirect addressing resources (registers and initial load memory) These internal resources are accessed by storing the address of the indirect addressing resource in the INADR0 indirect access address register and reading or writing the INDAT0 indirect access data register. Other than the regis- ters used for communication with the external host and the SRISC, these resources can only be accessed in the slave state. While these resources have a structure that consists of 16 bits per address, indirect addressing access writes must be performed in 32-bit units. Tables 2 and 3 show the address maps. Table 2. Indirect Addressing Resources Address Map Overview indir adr * 1 Description $0000 − $01FF Communication registers, parameter registers, and other registers $0200 − $03FF Video input intensity conversion data memory (ITDM) A: 256 words × 8 bits *2 $0400 − $05FF Video input intensity conversion data memory (ITDM) A: 256 words × 8 bits *2 $0600 − $0FFF Reserved $1000 − $17FF Video encoding block RISC data memory (VDM): 1K words × 16 bits *2 $1800 − $3FFF Reserved $4000 − $7FFF Video encoding block RISC instruction memory (VIRAM): 8K words × 32 bits $8000 − $8FFF Reserved $9000 − $9FFF Multiplexing block RISC data memory (SDM): 2K words × 16 bits *2 $A000 − $CFFF Multiplexing block RISC instruction memory (SIRAM): 6K words × 24 bits 24 bits $D000 − $FFFF Reserved Note) *1: The notation indir adr indicates the value stored in the INADR0 indirect access address register when accessing an indirect addressing resource. *2: Data only exists at even addresses. Table 3. Indirect Addressing Resources (Registers) Address Map indir adr * Description Name Run/Hold Slave $0000 − $000F External host/SRIC communication register hifreg q × $0010 − $0013 Reserved ×× $0014 Video input block parameter register vifreg × W $0015 − $001F Reserved ×× $0020 DMA data I/O block parameter register difreg × W $0021 Reserved ×× $0022 − $0025 Code output block parameter register cifreg × W $0026 − $01FF Reserved ×× Note) 1. *: The notation indir adr indicates the value stored in the INADR0 indirect access address register when accessing an indirect addressing resource. 2. q: Both read and write access allowed. W: Write access allowed (Cannot be read.) ×: No access is allowed. Chip operation is not guaranteed if registers for which access is only allowed in the slave state are accessed in either the run or hold states. Chip operation is not guaranteed if areas indicated as reserved are accessed. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |