Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4229 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4229
Description  HN Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4229 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4229 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4229 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4229 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• HN Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG213, RG8, RG225, RG214, RG393 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 10 GHz
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4229 HN female connector with clamp/solder attachment for RG213, RG8, RG225, RG214 and RG393 is
part of our full line of RF components available for same-day shipping. Our HN female connector operates up to a maximum
frequency of 10 GHz.
Our HN female connector PE4229 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
Operating Voltage (AC)
1,500
Vrms
.
Mechanical Specifications
Size
Length
2.52 in [64.01 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Weight
0.164 lbs [74.39 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: HN Female Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214,
RG393 PE4229
PE4229 REV 1.2
HN Female Connector Clamp/Solder Attachment
for RG213, RG8, RG225, RG214, RG393
RF Connectors Technical Data Sheet
PE4229


Similar Part No. - PE4229

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4229 PASTERNACK-PE4229 Datasheet
314Kb / 2P
HN Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results

Similar Description - PE4229

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4479 PASTERNACK-PE4479 Datasheet
272Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG59, RG62
PE4475 PASTERNACK-PE4475 Datasheet
312Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG14, RG217
PE4476 PASTERNACK-PE4476 Datasheet
218Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG17, RG218
PE4182 PASTERNACK-PE4182_17 Datasheet
408Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4198 PASTERNACK-PE4198_16 Datasheet
400Kb / 4P
HN Male Connector Clamp/Solder Attachment
PE4230 PASTERNACK-PE4230 Datasheet
410Kb / 4P
HN Male Right Angle Connector Clamp/Solder Attachment
PE4475 PASTERNACK-PE4475_16 Datasheet
401Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4476 PASTERNACK-PE4476_16 Datasheet
320Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4479 PASTERNACK-PE4479_16 Datasheet
319Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4480 PASTERNACK-PE4480_16 Datasheet
320Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com