Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74LS05 Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74LS05
Description  Hex Inverters with Open-Drain Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS05 Datasheet(HTML) 2 Page - Integral Corp.

  IN74LS05 Datasheet HTML 1Page - Integral Corp. IN74LS05 Datasheet HTML 2Page - Integral Corp. IN74LS05 Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IN74LS05
2
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
7.0
V
VOUT
Output Voltage
7.0
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
VOH
High Level Output Voltage
5.5
V
IOL
Low Level Output Current
8.0
mA
TA
Ambient Temperature Range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIK
Input Clamp Voltage
VCC = min, IIN = -18 mA
-1.5
V
IOH
High Level Output Current
VCC = min, VOH =max
0.1
mA
VOL
Low Level Output Voltage
VCC = min, IOL = 4 mA
0.4
V
VCC = min, IOL = 8 mA
0.5
IIH
High Level Input Current
VCC = max, VIN = 2.7 V
20
µA
VCC = max, VIN = 7.0 V
0.1
mA
IIL
Low Level Input Current
VCC = max, VIN = 0.4 V
-0.4
mA
ICC
Supply Current
VCC = max
Total with
outputs high
2.4
mA
Total with
outputs low
6.6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com