Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC46CT-E/OTG Datasheet(PDF) 13 Page - Microchip Technology

Part # 93LC46CT-E/OTG
Description  1K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC46CT-E/OTG Datasheet(HTML) 13 Page - Microchip Technology

Back Button 93LC46CT-E/OTG Datasheet HTML 9Page - Microchip Technology 93LC46CT-E/OTG Datasheet HTML 10Page - Microchip Technology 93LC46CT-E/OTG Datasheet HTML 11Page - Microchip Technology 93LC46CT-E/OTG Datasheet HTML 12Page - Microchip Technology 93LC46CT-E/OTG Datasheet HTML 13Page - Microchip Technology 93LC46CT-E/OTG Datasheet HTML 14Page - Microchip Technology 93LC46CT-E/OTG Datasheet HTML 15Page - Microchip Technology 93LC46CT-E/OTG Datasheet HTML 16Page - Microchip Technology 93LC46CT-E/OTG Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2003 Microchip Technology Inc.
DS21749D-page 13
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
8-Lead Plastic Micro Small Outline Package (MS) (MSOP)
D
A
A1
L
c
(F)
α
A2
E1
E
p
B
n
1
2
φ
β
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not
.037 REF
F
Footprint (Reference)
exceed .010" (0.254mm) per side.
Notes:
Drawing No. C04-111
*Controlling Parameter
Mold Draft Angle Top
Mold Draft Angle Bottom
Foot Angle
Lead Width
Lead Thickness
β
α
c
B
φ
.003
.009
.006
.012
Dimension Limits
Overall Height
Molded Package Thickness
Molded Package Width
Overall Length
Foot Length
Standoff
Overall Width
Number of Pins
Pitch
A
L
E1
D
A1
E
A2
.016
.024
.118 BSC
.118 BSC
.000
.030
.193 TYP.
.033
MIN
p
n
Units
.026 BSC
NOM
8
INCHES
0.95 REF
-
-
.009
.016
0.08
0.22
0°
0.23
0.40
8°
MILLIMETERS*
0.65 BSC
0.85
3.00 BSC
3.00 BSC
0.60
4.90 BSC
.043
.031
.037
.006
0.40
0.00
0.75
MIN
MAX
NOM
1.10
0.80
0.15
0.95
MAX
8
--
-
15°
5°
-
15°
5°
-
JEDEC Equivalent: MO-187
0°
-
8°
5°
5°
-
-
15°
15°
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com