Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR520 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SR520
Description  5.0AMP SCHOTTKY BARRIER RECTIFIERS- 20~200Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR520 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SR520 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR520 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0AMP SCHOTTKY BARRIER RECTIFIERS- 20~200Volts
DO-201AD PACKAGE
FEATURES
* High reliability
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* Moisture Sensiivity Level 1
* RoHs product for packing code suffix "G",
Halogen free product for packing code suffix "H"
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.18 gram
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL SR520 SR530 SR540 SR550 SR560 SR580 SR5100SR5150 SR5200
UNIT
Marking Code
SR520 SR530 SR540 SR550 SR560 SR580 SR5100SR5150 SR5200
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
0.375" (9.5mm) lead length at TL = 90℃
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
RΘJA
℃/W
RΘJC
℃/W
Typical Junction Capacitance (Note 2)
CJ
P
F
Storage and Operating Temperature Range
TJ,TSTG
℃
SYMBOL SR520 SR530 SR540 SR550 SR560 SR580 SR5100SR5150 SR5200
UNIT
Maximum Instantaneous Forward Voltage at 5.0A DC(Noye
VF
0.87
0.92
Volts
Maximum Average Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=100℃
NOTES :1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
Thermal Resistance (Junction to Case).
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Measured at Pulse Width 300μs, Duty Cycle 2%.
0.55
0.70
0.85
150
200
250
350
-65 to +125
-65 to +150
CHARACTERISTICS
Amps
Amps
IO
IFSM
Typical Thermal Resistance (Note 1)
0.5
10
mAmps
SR520
IR
18
5.0
THRU SR5200
10
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO-201AD
.
.
.220(5.60)
.197(5.00)
.052(1.30)
.048(1.20)
.375(9.50)
.335(8.50)
DIA.
DIA.
1
www.paceleader.tw


Similar Part No. - SR520

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR520 WTE-SR520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
logo
Bytes
SR520 BYTES-SR520 Datasheet
153Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR520 CHENYI-SR520 Datasheet
164Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR520 DCCOM-SR520 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR520

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SR520 SECOS-SR520 Datasheet
215Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
5.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB5150 CYSTEKEC-SB5150 Datasheet
519Kb / 3P
5.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SDR5200SF SECOS-SDR5200SF_15 Datasheet
701Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
5.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com