Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR220 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SR220
Description  2.0AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR220 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SR220 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR220 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
150
LEAD TEMPERATURE (
℃)
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.01
0.1
1
10
100
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
INSTANTANEOUS FORWARD VOLTAGE (V)
SingleHalf Wave
60HZResistive orInductive
Load0.375" (9.5mm) Lead
Length
Pulse Width=300μs
1% Duty Cycle
FIG.3-TYPICAL REVERSE CHARACTERISTICS
0.0001
0.001
0.01
0.1
1
10
100
0
2040
6080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Tj=125℃
SR220-SR260
SR280-SR2200
Tj=25℃
FIG.4-TYPICAL JUNCTION CAPACITANCE
0
100
200
300
400
500
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60HZ
Tj=25℃, Measured at
1 MHz and applied
reverse voltage of 4.0
8.3ms Single Half Sine-
Wave JEDCE Method
SR220-SR240
SR250-SR260
SR280-SR2100
SR2150
SR2200
2.0AMP SCHOTTKY BARRIER RECTIFIERS
SR2200
SR220 THRU
2
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com