Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR5L045 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SR5L045
Description  5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 45V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR5L045 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SR5L045 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR5L045 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SR5L045 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
5
10
50
100
NUMBER OF CYCLES AT 60 Hz
FIG. 1-FORWARD CURRENT DERATING CURVE
5
4
3
2
1
0
0
25
50
100
125
150
175
200
AMBIENT TEMPERATURE, oC
FIG. 2-MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE RATING
150
125
100
75
50
25
0
FIG. 3- TYPICAL REVERSE
CHARACTERISTICS
FIG. 4- TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
100
10
1.0
0.1
8.3 ms Single Half Sine Wave
Tj=25℃
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
INSTANTANEOUS FORWARD VOLTAGE VOLTS
RATINGS AND CHARACTERISTIC CURVES OF SR5L045
Pulse Width = 300uS
1% Duty Cycle
PERCENT OF RATED VOLTAGE PEAK
REVERSE VOLTAGE (%)
0
20
40
60
80
100
10000
1000
100
10
Tj=25℃
Tj=100℃
Tj=125℃
Tj=125℃
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS
SR5L
2
www.paceleader.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com