Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5923DAPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923DAPR
Description  LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5923DAPR Datasheet(HTML) 2 Page - Texas Instruments

  TLC5923DAPR Datasheet HTML 1Page - Texas Instruments TLC5923DAPR Datasheet HTML 2Page - Texas Instruments TLC5923DAPR Datasheet HTML 3Page - Texas Instruments TLC5923DAPR Datasheet HTML 4Page - Texas Instruments TLC5923DAPR Datasheet HTML 5Page - Texas Instruments TLC5923DAPR Datasheet HTML 6Page - Texas Instruments TLC5923DAPR Datasheet HTML 7Page - Texas Instruments TLC5923DAPR Datasheet HTML 8Page - Texas Instruments TLC5923DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
TLC5923
SLVS550 – DECEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
Package
Part Number(1)
-20
°C to 85 °C
4 mm x 4 mm, 32-pin HTSSOP
TLC5923DAP
(1)
The DAP package is available in tape and reel. Add R suffix (TLC5923DAPR) to order quantities of
2000 parts per reel.
TLC5923
UNIT
VCC
Supply voltage(2)
- 0.3 to 6
V
IO
Output current (dc)
IL(LC)
90
mA
VI
Input voltage range(2)
V(BLANK), V(XLAT), V(SCLK), V(SIN), V(MODE)
- 0.3 to VCC + 0.3
V
V(SOUT), V(XDOWN)
- 0.3 to VCC + 0.3
V
VO
Output voltage range(2)
V(OUT0) - V(OUT15)
-0.3 to 18
V
HBM (JEDEC JESD22-A114, Human Body
2
kV
Model)
ESD rating
CDM (JEDEC JESD22-C101, Charged Device
500
V
Model)
Tstg
Storage temperature range
-40 to 150
°C
Continuous total power dissipation at (or below) TA = 25°C
3.9
W
Power dissipation rating at (or above) TA = 25°C
31.4
mW/
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DC Characteristics
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VO
Voltage applied to output, (Out0 - Out15)
17
V
VIH
High-level input voltage
0.8 VCC
VCC
V
VIL
Low-level input voltage
GND
0.2 VCC
V
IOH
High-level output current
VCC = 5 V at SOUT
-1
mA
VCC = 5 V at SOUT,
IOL
Low-level output current
1
mA
XDOWN
IOLC
Constant output current
OUT0 to OUT15
80
mA
TA
Operating free-air temperature range(1)
-20
85
°C
(1)
Please contact TI sales for slightly extended temperature range.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com