Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102A Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPXM2102A
Description  100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102A Datasheet(HTML) 3 Page - Motorola, Inc

  MPXM2102A Datasheet HTML 1Page - Motorola, Inc MPXM2102A Datasheet HTML 2Page - Motorola, Inc MPXM2102A Datasheet HTML 3Page - Motorola, Inc MPXM2102A Datasheet HTML 4Page - Motorola, Inc MPXM2102A Datasheet HTML 5Page - Motorola, Inc MPXM2102A Datasheet HTML 6Page - Motorola, Inc MPXM2102A Datasheet HTML 7Page - Motorola, Inc MPXM2102A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPXM2102 SERIES
3
Motorola Sensor Device Data
LINEARITY
Linearity refers to how well a transducer’s output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 2) or (2)
a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the cal-
culations are more straightforward for the user. Motorola’s
specified pressure sensor linearities are based on the end
point straight line method measured at the midrange pressure.
Figure 2. Linearity Specification Comparison
LEAST
SQUARE
DEVIATION
PRESSURE (% FULLSCALE)
0
50
100
END POINT
STRAIGHT LINE FIT
EXAGGERATED
PERFORMANCE
CURVE
LEAST SQUARES FIT
STRAIGHT LINE
DEVIATION
OFFSET
ON–CHIP TEMPERATURE COMPENSATION and CALIBRATION
Figure 3 shows the minimum, maximum and typical output
characteristics of the MPXM2102 series at 25
°C. The output
is directly proportional to the differential pressure and is es-
sentially a straight line.
A silicone gel isolates the die surface and wire bonds from
the environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm.
Figure 3. Output versus Pressure Differential
kPa
PSI
40
35
30
25
15
10
5
0
-5
025
3.62
50
7.25
75
10.87
100
14.5
SPAN
RANGE
(TYP)
OFFSET
(TYP)
20
TYP
MIN
VS = 10 Vdc
TA = 25°C
P1 > P2
MAX
ORDERING INFORMATION
Device Type
Options
Device Type
Options
MPXM2102D
Non–ported
MPXM2102DT1
Non–ported, Tape and Reel
MPXM2102GS
Ported
MPXM2102GST1
Ported, Tape and Reel
MPXM2102A
Non–ported
MPXM2102AT1
Non–ported, Tape and Reel
MPXM2102AS
Ported
MPXM2102AST1
Ported, Tape and Reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com