Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1844AMDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC1844AMDREP
Description  CURRENT-MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1844AMDREP Datasheet(HTML) 2 Page - Texas Instruments

  UC1844AMDREP Datasheet HTML 1Page - Texas Instruments UC1844AMDREP Datasheet HTML 2Page - Texas Instruments UC1844AMDREP Datasheet HTML 3Page - Texas Instruments UC1844AMDREP Datasheet HTML 4Page - Texas Instruments UC1844AMDREP Datasheet HTML 5Page - Texas Instruments UC1844AMDREP Datasheet HTML 6Page - Texas Instruments UC1844AMDREP Datasheet HTML 7Page - Texas Instruments UC1844AMDREP Datasheet HTML 8Page - Texas Instruments UC1844AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UC1842A-EP, UC1843A-EP, UC1844A-EP, UC1845A-EP
CURRENT-MODE PWM CONTROLLER
SGLS134B – SEPTEMBER 2002 – REVISED APRIL 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
block diagram
NOTES:
1. A = DIL-8 Pin Number. B = SO-14 Pin Number.
2. Toggle flip flop used only in 1844A and 1845A.
Ordering Information
UC
4M
PACKAGE
D = Plastic SOIC
PRODUCT OPTION
2 through 5
MILITARY TEMPERATURE RANGE INDICATOR
D
TAPE and REEL INDICATOR
R
184
EP
ENHANCED PLASTIC INDICATOR
A
IMPROVED PERFORMANCE INDICATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com