Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE24LA64AFMUH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24LA64AFMUH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA64AFMUH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24LA64AFMUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ACE24LA64A
Two-wire Serial EEPROM
VER 1.1
4
Pin Descriptions
Device/Page Addresses (A2, A1 and A0):
The A2, A1 and A0 pins are device address inputs that are hard wired for the ACE24LA64A Eight 64K
devices may be addressed on a single bus system (device addressing is discussed in detail under the
Device Addressing section).
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be wire-Read
with any number of other open-drain or open- collector devices.
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Write Protect (WP):
The ACE24LA64A has a Write Protect pin that provides hardware data protection. The Write Protect pin
allows normal read/write operations when connected to ground (GND). When the Write Protect pin is
connected to VCC, the write protection feature is enabled and operates as shown in the following Table 1.
WP Pin Status
Part of the Array Protected
ACE24LA64A
At VCC
Full (64K) Array
At GND
Normal Read / Write Operations
Table 1 Write Protect
Memory Organization
ACE24LA64A, 64K Serial EEPROM:
Internally organized with 256 pages of 32 bytes each, the 64K requires an13-bit data word address for
random word address.
Device Operation
Clock and Data Transitions:
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during
SCL low time periods (see to Figure 1). Data changes during SCL high periods will indicate a start or stop
condition as defined below.
Start Condition:
A high-to-low transition of SDA with SCL high is a start condition which must precede any other command
(see to Figure 2).
Stop Condition:
A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop
command will place the EEPROM in a standby power mode (see to Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com