Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2-R15-10 Datasheet(PDF) 1 Page - Superworld Electronics

Part # L2-R15-10
Description  Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-R15-10 Datasheet(HTML) 1 Page - Superworld Electronics

  L2-R15-10 Datasheet HTML 1Page - Superworld Electronics L2-R15-10 Datasheet HTML 2Page - Superworld Electronics L2-R15-10 Datasheet HTML 3Page - Superworld Electronics L2-R15-10 Datasheet HTML 4Page - Superworld Electronics L2-R15-10 Datasheet HTML 5Page - Superworld Electronics L2-R15-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Chip Inductors – L2 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
14/08/2017
P1
1. Part No. Expression:
L 2 – 4 7 N K - □□
(a)
(b)
(c) (d)
(a) Series Code
(c) Tolerance Code
(b) Inductance Code
(f) 10: Standard Code
2. Configuration & Dimensions :
A
B
C
D
G
H
L
1.60 ± 0.15
0.80 ± 0.15
0.80 ± 0.15
0.30 ± 0.20
0.85 Ref.
0.95 Ref.
2.45 Ref.
3. Schematic
4. Material List
Unit: mm


Similar Part No. - L2-R15-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-R15-10 SUPERWORLD-L2-R15-10 Datasheet
250Kb / 7P
FERRITE CHIP INDUCTORS
L2-R15-10 SUPERWORLD-L2-R15-10 Datasheet
266Kb / 7P
FERRITE CHIP INDUCTORS
More results

Similar Description - L2-R15-10

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com