Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC761 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P87LPC761
Description  Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC761 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P87LPC761 Datasheet HTML 48Page - NXP Semiconductors P87LPC761 Datasheet HTML 49Page - NXP Semiconductors P87LPC761 Datasheet HTML 50Page - NXP Semiconductors P87LPC761 Datasheet HTML 51Page - NXP Semiconductors P87LPC761 Datasheet HTML 52Page - NXP Semiconductors P87LPC761 Datasheet HTML 53Page - NXP Semiconductors P87LPC761 Datasheet HTML 54Page - NXP Semiconductors P87LPC761 Datasheet HTML 55Page - NXP Semiconductors P87LPC761 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
Philips Semiconductors
Preliminary data
P87LPC761
Low power, low price, low pin count (16 pin)
microcontroller with 2 kbyte OTP
2002 Mar 07
49
COMPARATOR ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 6.0 V unless otherwise specified; Tamb = 0 °C to +70 °C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Offset voltage comparator inputs1
–
–
±10
mV
VCR
Common mode range comparator inputs
0
–
VDD–0.3
V
CMRR
Common mode rejection ratio1
–
–
–50
dB
Response time
–
250
500
ns
Comparator enable to output valid
–
–
10
µs
IIL
Input leakage current, comparator
0 < VIN < VDD
–
–
±10
µA
NOTE:
1. This parameter is guaranteed by characterization, but not tested in production.
AC ELECTRICAL CHARACTERISTICS
Tamb = 0 °C to +70 °C, VDD = 2.7 V to 6.0 V unless otherwise specified; VSS = 0 V1, 2, 3
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
External Clock
fC
42
Oscillator frequency (VDD = 4.0 V to 6.0 V)
0
20
MHz
fC
42
Oscillator frequency (VDD = 2.7 V to 6.0 V)
0
10
MHz
tC
42
Clock period and CPU timing cycle
1/fC
–
ns
fCLCX
42
Clock low-time1
fOSC = 20 MHz
20
–
ns
fCLCX
42
fOSC = 10 MHz
40
–
ns
fCHCX
42
Clock high-time1
fOSC = 20 MHz
20
–
ns
fCHCX
42
fOSC = 10 MHz
40
–
ns
Internal RC Oscillator
fCCAL
On-chip RC oscillator calibration2
fRCOSC = 6 MHz
–1
+1
%
fCTOL
On-chip RC oscillator, 0
°C to +50 °C3,4 tol.
fRCOSC = 6 MHz
–2.5
+2.5
%
fCTOL
On-chip RC oscillator, 0
°C to +70 °C3 tol.
fRCOSC = 6 MHz
–55
+2.5
%
Shift Register
tXLXL
41
Serial port clock cycle time
6tC
–
ns
tQVXH
41
Output data setup to clock rising edge
5tC – 133
–
ns
tXHQX
41
Output data hold after clock rising edge
1tC – 80
–
ns
tXHDV
41
Input data setup to clock rising edge
–
5tC – 133
ns
tXHDX
41
Input data hold after clock rising edge
0
–
ns
NOTES:
1. Applies only to an external clock source, not when a crystal is connected to the X1 and X2 pins.
2. Tested at VDD = 5.0 V and room temperature.
3. These parameters are characterized but not tested.
4. +/– 2.5% accuracy enables serial communication over the UART with the internal Oscillator.
5. Min frequency at hot temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com