Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4233 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4233
Description  GR874 Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4233 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4233 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4233 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4233 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• GR874 Sexless Connector
• MIL-C-39012
• 50 Ohms
• Straight Body Geometry
• RG55, RG58, RG141, RG142, RG223, RG400
Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4233 GR874 connector with crimp/solder attachment for RG55, RG58, RG141, RG142, RG223 and RG400
is part of our full line of RF components available for same-day shipping.
Our GR874 connector PE4233 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
2.205 in [56.01 mm]
Width/Dia.
0.81 in [20.57 mm]
.
Weight
0.082 lbs [37.19 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: GR874 Connector Crimp/Solder Attachment for RG55, RG58, RG141, RG142, RG223,
RG400 PE4233
PE4233 REV 1.1
GR874 Connector Crimp/Solder Attachment for
RG55, RG58, RG141, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4233


Similar Part No. - PE4233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4233 PASTERNACK-PE4233 Datasheet
221Kb / 3P
GR874 Sexless Connector Crimp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
More results

Similar Description - PE4233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4233 PASTERNACK-PE4233 Datasheet
221Kb / 3P
GR874 Sexless Connector Crimp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4352 PASTERNACK-PE4352 Datasheet
220Kb / 2P
GR874 Sexless Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44646Z PASTERNACK-PE44646Z Datasheet
229Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For FAKRA Jack Connector Crimp/Solder Attachment For
PE4348 PASTERNACK-PE4348 Datasheet
203Kb / 2P
GR874 Sexless Connector Accessories Attachment Accessories
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4071 PASTERNACK-PE4071_17 Datasheet
371Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE4074 PASTERNACK-PE4074_16 Datasheet
399Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4079 PASTERNACK-PE4079_16 Datasheet
417Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4093 PASTERNACK-PE4093_16 Datasheet
362Kb / 3P
MHV Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com