Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPHTK1002AT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MPHTK1002AT3
Description  Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPHTK1002AT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MPHTK1002AT3 Datasheet HTML 1Page - Vishay Siliconix MPHTK1002AT3 Datasheet HTML 2Page - Vishay Siliconix MPHTK1002AT3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPH
www.vishay.com
Vishay Dale Thin Film
Revision: 20-Oct-11
1
Document Number: 60013
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor,
Surface Mount Network
Vishay Dale Thin film offers a four terminal hermetic leadless
chip carrier package with precision matched pair elements.
The network features tight ratio tolerance and close tracking
over a 100
 to 100 k resistance range. For custom
schematics and values contact applications engineering.
FEATURES
• True hermetic construction
• Exceptional
stability
and
performance
characteristics ratio stability (
R ± 0.015 % at
70 °C for 2000 h)
• Nickel barrier terminations
• Military/aerospace
• Hermetically sealed
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
Note
* Pb containing terminations are not RoHS compliant, exemptions
may apply
TYPICAL PERFORMANCE
SCHEMATIC
Actual Size
ABSOLUTE
TRACKING
TCR
25
5
ABSOLUTE
RATIO
TOL.
0.1
0.05
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
4-
Resistance Range
100
 to 100 k
-
TCR: Absolute
± 25 ppm/°C (standard)
- 55 °C to + 125 °C
TCR: Tracking
± 2 ppm/°C (typical < 1 ppm /°C equal values)
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.1 % to ± 1.0 %
+ 25 °C
Tolerance: Ratio
± 0.05 % to ± 0.1 %
+ 25 °C
Power Rating: Resistor
250 mW (per element)
Maximum at + 70 °C
Power Rating: Package
1000 mW
Maximum at + 70 °C
Stability: Absolute
R ± 0.05 %
2000 h at + 70 °C
Stability: Ratio
R ± 0.015 %
2000 h at + 70 °C
Voltage Coefficient
< 0.1 ppm/V
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
< - 30 dB
-
Thermal EMF
0.08 μV/°C
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at + 25 °C
4
R
1
2
2
R
2
P x R


Similar Part No. - MPHTK1002AT3

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPH RUBYCON-MPH Datasheet
58Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MPH VISHAY-MPH Datasheet
106Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
05-May-08
logo
RUBYCON CORPORATION
MPH RUBYCON-MPH Datasheet
219Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Adam Technologies, Inc.
MPH-A-XX-SMT-T ADAM-TECH-MPH-A-XX-SMT-T Datasheet
99Kb / 1P
909 Rahway Avenue
logo
Proto Advantage SMD Ada...
MPH-ETD PROTOADVANTAGE-MPH-ETD Datasheet
447Kb / 2P
0.1" 40 pin Machine Pin Header Pair for PCB Edge to DIP Conversion
revision 1.2
More results

Similar Description - MPHTK1002AT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
06-Jul-06
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
31-Jul-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
05-May-08
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
08-Jan-12
M55342K03B10E0R VISHAY-M55342K03B10E0R Datasheet
87Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
13-Mar-13
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
FP200 VISHAY-FP200_17 Datasheet
101Kb / 3P
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
16-Mar-17
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
14-Jul-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com