Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C3306UX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3306UX
Description  2-Bit Bus Switch with Active Low Enables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3306UX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3306UX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3306UX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3306UX Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PS8144C
01/11/01
Product Description
Pericom Semiconductor’s PI5C series of logic circuits are produced
using the Company’s advanced submicron CMOS technology,
achieving industry leading speed grades.
The PI5C3306 is a 2-bit bus switch designed with two 5-ohm bus
switches with fast individual enables. When enabled via the
associated Bus Enable (BE) pin, the “A” pin is directly connected to
the “B” pin for that particular gate. The bus switch introduces no
additional propagation delay or additional ground bounce noise.
The PI5C3306 device has active LOW enables.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C3306
2-Bit Bus Switch with
Active Low Enables
Product Features
• Near zero propagation delay
• 5-Ohm switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
• Packages available:
– 8-pin 173 mil wide plastic TSSOP (L)
– 8-pin 118 mil wide plastic MSOP (U)
Logic Block Diagram
BE1
A1
B1
BE2
A2
B2
ProductPinConfiguration
Product Pin Description
Pin Name
Description
BEn
Switch Enable
A2-A1
Bus A
B2-B1
Bus B
Vcc
Power
GND
Ground
BEn
An
Bn
Vcc
Function
X*
Hi-Z
Hi-Z
GND
Disconnect
H
Hi-Z
Hi-Z
Vcc
Disconnect
L
Bn
An
Vcc
Connect
Truth Table(1)
Notes:
1. H
= High Voltage Level, L = Low Voltage Level
Hi-Z = High Impedance, X = Don’t Care
* A pull-up resistor should be provided for power-up protection.
1
2
3
4
8
7
6
5
Vcc
BE2
B2
A2
BE1
A1
B1
GND
8-Pin
L, U


Similar Part No. - PI5C3306UX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3306LE PERICOM-PI5C3306LE Datasheet
531Kb / 4P
2-Bit Bus Switch with Active Low Enables
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
2-Bit Bus Switch with Active Low Enables
More results

Similar Description - PI5C3306UX

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
3.3V Quad Bus Switch with Individual Active Low Enables
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
2-Bit Bus Switch with Individual Enables
PI5C3308 PERICOM-PI5C3308 Datasheet
53Kb / 3P
2- Bit Bus Switch with Active Low Enable
logo
Integrated Device Techn...
IDT74CBTLVR3862 IDT-IDT74CBTLVR3862 Datasheet
68Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDT74CBTLV3862 IDT-IDT74CBTLV3862 Datasheet
64Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
2-Bit Bus Switch with Individual Enables
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
2-Bit Bus Switch with Active Low Enables
logo
Integrated Device Techn...
IDT74CBTLV3862 IDT-IDT74CBTLV3862_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
logo
Renesas Technology Corp
IDT74CBTLV3862 RENESAS-IDT74CBTLV3862 Datasheet
252Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
DECEMBER 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com