Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74ST1G00CX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74ST1G00CX
Description  SOTiny Logic 2-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ST1G00CX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74ST1G00CX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ST1G00CX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ST1G00CX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ST1G00CX Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74ST1G00
SOTiny™Logic
2-Input NAND Gate
PS8514B
06/12/01
ACElectricalCharacteristics
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV C
C
)
V
(s
n
o
it
i
d
n
o
C
TA
C
°
5
2
+
=TA
C
°
5
8
+
o
t
C
°
0
4
–
=
s
ti
n
U.
o
N
.
g
i
F
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
t H
L
P ,
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
CL
,
F
p
5
1
=
RL
M
1
=
Ω
0
.
2
8
.
0
5
.
0
9
.
2
8
.
1
3
.
1
8
.
3
4
.
2
7
.
1
0
.
2
8
.
0
5
.
0
1
.
4
6
.
2
9
.
1
s
n
1
3
t H
L
P ,
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P3
.
0
±
3
.
3
CL
,
F
p
0
5
=
RL
0
0
5
=
Ω
5
.
18
.
27
.
35
.
11
.
4
1
3
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I0
V N
I
0
=4
F
p
C D
P
n
o
it
a
p
is
si
D
r
e
w
o
P
e
c
n
a
ti
c
a
p
a
C
3
.
33
e
t
o
N4
22
ACLoadingandWaveforms
Figure 1. AC Test Circuit
Figure 2. ICCD Test Circuit
Notes:
3. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption
(ICCD) at no output loading and operating at 50% duty cycle (see Figure 2). CPD is related to ICCD dynamic operating current by
the expression: ICCD = (CPD)(VCC)(fIN) + (ICC static).
Figure3.ACWaveforms
CL includes load and stray capacitance
Input PRR = 1.0 MHz; tW = 500ns
Input
RL
CL
VCC
Output
Input = AC Waveform; tr = tf = 1.8ns;
PRR = 10 MHz; Duty Cycle = 50%
Input
VCC
A
VOH
GND
Input
Output
tW
tPHL
tr = 3ns
tf = 3ns
tPLH
VOL
50%
50%
50%
50%
90%
90%
10%
10%
VCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com