Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8802-1 Datasheet(PDF) 1 Page - NEC

Part # PS8802-1
Description  NECs 1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8802-1 Datasheet(HTML) 1 Page - NEC

  PS8802-1 Datasheet HTML 1Page - NEC PS8802-1 Datasheet HTML 2Page - NEC PS8802-1 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC's 1 Mbps HIGH CMR
ANALOG OUTPUT TYPE 8-PIN
SOP HIGH-SPEED PHOTOCOUPLER
FEATURES
•
HIGH ISOLATION VOLTAGE
BV: 2500 Vr.m.s.
•
HIGH COMMON MODE TRANSIENT IMMUNITY
CMH, CML = ±10 kV/ µs MIN
•
HIGH SUPPLY VOLTAGE
VCC = 35 V
•
HIGH-SPEED RESPONSE
tPHL = 0.8 µs MAX, tPLH = 1.2 µs MAX
DESCRIPTION
NEC's PS8802-1 and PS8802-2 is an optically coupled isolator
containing a GaAIAs LED on the light emitting side (input side)
and a PIN photodiode and a high-speed amplifer transistor on
the output side on one chip.
This is a plastic S08 type for high density applications.
PS8802-1
PS8802-2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
APPLICATIONS
•
COMPUTERS AND PERIPHERALS
•
GENERAL PURPOSE INVERTER
•
SUBSTITUTIONS FOR RELAYS AND PULSE
TRANSFORMERS
•
POWER SUPPLY
•
FACTORY AUTOMATION
•
SERIAL BUS ISOLATION
California Eastern Laboratories
PRELIMINARY DATA SHEET
PART NUMBER
PS8802-1, PS8802-2
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 16 mA
V
1.7
2.2
IR
Reverse Current, VR = 3 V
µA
10
∆VF/∆T
Forward Voltage Temperature Coefficient, IF = 16 mA
mV/
ºC
-2.1
Ct
Terminal Capacitance, V = 0, f = 1 MHz
pF
30
IOH (1)
High Level Output Current, IF= 0 mA, VCC = VO = 5.5 V
nA
3
500
IOH (2)
High Level Output Current, IF= 0 mA, VCC = VO = 30 V
µA
100
VOL
Low Level Output Voltage, IF= 16 mA, VCC = 4.5 V, IO = 1.2 mA
V
0.1
0.4
ICCL
Low Level Supply Current, IF= 16 mA, VO = open, VCC = 30 V
µA
50
ICCH
High Level Supply Current, IF= 0 mA, VO = open, VCC = 30 V
0.01
2
CTR
Current Transfer Ratio (IC/IF), IF= 16 mA, VCC = 30 V, VO = 0.4 V
%
15
20
35
RI-O
Isolation Resistance, VI-O = 1 kVDC, RH = 40 to 60 %
Ω
1011
CI-O
Isolation Capacitance, CI-O = V = 0, f = 1 MHz
pF
0.4
tPHL
Propagation Delay Time (H→L)
1,
IF= 16 mA, VCC = 30 V, RL = 2.2 kΩ, CL = 15 pF
µs
0.5
0.8
tPLH
Propagation Delay Time (L→H)
1,
IF= 16 mA, VCC = 30 V, RL = 2.2 kΩ, CL = 15 pF
0.6
1.2
CMH
Common Mode Transient Immunity at High Level Output,
IF= 0 mA, VCC = 5 V, RL = 2.2 kΩ, VCM = 1.5 kV
kV/µs
10
CML
Common Mode Transient Immunity at Low Level Output,
IF= 16 mA, VCC = 5 V, RL = 4.1 kΩ, VCM = 1.5 kV
-10
(See notes on next page)


Similar Part No. - PS8802-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1 Datasheet
216Kb / 13P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
415Kb / 15P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8802-1 RENESAS-PS8802-1 Datasheet
297Kb / 18P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS8802-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9814 ETC-PS9814 Datasheet
110Kb / 3P
NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8101 CEL-PS8101_16 Datasheet
429Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com