Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSRRGBCC3TM Datasheet(PDF) 5 Page - TT Electronics.

Part # OVSRRGBCC3TM
Description  Full-color RGB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSRRGBCC3TM Datasheet(HTML) 5 Page - TT Electronics.

  OVSRRGBCC3TM Datasheet HTML 1Page - TT Electronics. OVSRRGBCC3TM Datasheet HTML 2Page - TT Electronics. OVSRRGBCC3TM Datasheet HTML 3Page - TT Electronics. OVSRRGBCC3TM Datasheet HTML 4Page - TT Electronics. OVSRRGBCC3TM Datasheet HTML 5Page - TT Electronics. OVSRRGBCC3TM Datasheet HTML 6Page - TT Electronics. OVSRRGBCC3TM Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
°
OVSRRGBCC3 / OVSRRGBCC3TM
© TT electronics plc
Issue G
08/2017
Page 5
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Reliability Test Items and Conditions
Precautions:
Cleaning
Optek recommends isopropyl alcohol be used as a solvent for cleaning the LEDs. When using other solvents, it should be
confirmed beforehand whether the solvents will dissolve the package and/or the resin. Freon solvents should not be used
to clean LEDs because of worldwide regulations.
Do not use ultrasonic methods.
Safety
LED light output is strong enough to cause injury to the human eye. Precaution must be taken to avoid looking directly
into the LEDs with unprotected eyes for more than a few seconds.
Flashing lights have been known to cause discomfort in people. This can be prevented by taking precautions during oper-
ation.
No
Item
Test Condition
Test Hours/Cycles
Sample No.
Ac / Re
1
DC Operating Life
R~IF: 30mA, G/B~IF: 20mA
1,000 Hours
50 pcs
0 / 1
2
High Temperature Storage
Temp: 100°C
1,000 Hours
50 pcs
0 / 1
3
Low Temperature Storage
Temp: -55°C
1,000 Hours
50 pcs
0 / 1
4
Thermal Shock Test
-40°C
80°C
5min
8secs
5min
100 Cycles
50 pcs
0 / 1
5
Temperature Cycle
-40°C ~ 25°C ~ 100°C ~ 25°C
30min ~ 5min ~ 30min ~ 5min
300 Cycles
50 pcs
0 / 1
6
Temp. & Humidity Bias
TA=85°C, RH=85%, IF=5mA*
1,000 Hours
50 pcs
0 / 1
● Reliability Criteria
*U.S.L.: Upper Standard Level
*L.S.L.: Lower Standard Level
Item
Symbol
Limit
Test Conditions
Min.
Max.
Forward Voltage
VF
IF: 20mA
U.S.L. *1.2
Reverse Current
IR
VR: 5V
U.S.L. *2
Power
PO
IF: 20mA
L.S.L. *0.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com