Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSRRGBCC3 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSRRGBCC3
Description  Full-color RGB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSRRGBCC3 Datasheet(HTML) 2 Page - TT Electronics.

  OVSRRGBCC3 Datasheet HTML 1Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 2Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 3Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 4Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 5Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 6Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
°
OVSRRGBCC3 / OVSRRGBCC3TM
© TT electronics plc
Issue F
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Parameter
Red
Green / Blue
Unit
Continuous Forward Current
30
20
mA
Peak Forward Current (10% Duty Cycle, 10 ms pulse width)
100
80
mA
Power Dissipation
72
72
mW
Reverse Voltage
5
5
V
Operating Temperature Range
-40 to +85
-40 to +85
°C
Storage Temperature Range
-55 to +100
-55 to +100
°C
Soldering Temperature (for 10 seconds)
260
260
°C
Electrostatic Discharge Classification (HBM)
±2000
±2000
V
Moisture Sensitivity Level (IPC/JEDEC J-STD-020C)
3
3
168 hours
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDI-
TIONS
IV
Luminous Intensity
(axial direction)
Red
60
105
150
mcd
IF = 20mA
2 Θ½
Viewing Angle
Red
140
150
160
deg
IF = 20mA
λD
Dominant Wavelength
Red
615
625
635
nm
IF = 20mA
VF
Forward Voltage
Red
1.8
2.0
2.4
V
IF = 20mA
IR
Reverse Current
Red
----
----
50
µA
VR = 5V
Spatial Distribution



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com