Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM2005MP Datasheet(PDF) 6 Page - Sames

Part # PM2005MP
Description  Evaluation Board for the SA2005M and SA2005P
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2005MP Datasheet(HTML) 6 Page - Sames

Back Button PM2005MP Datasheet HTML 2Page - Sames PM2005MP Datasheet HTML 3Page - Sames PM2005MP Datasheet HTML 4Page - Sames PM2005MP Datasheet HTML 5Page - Sames PM2005MP Datasheet HTML 6Page - Sames PM2005MP Datasheet HTML 7Page - Sames PM2005MP Datasheet HTML 8Page - Sames PM2005MP Datasheet HTML 9Page - Sames PM2005MP Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
sames
PM2005M/P
6/12
http://www.sames.co.za
http://www.sames.co.za
POWER SUPPLY
PCB DESIGN
Referring to figure 9, capacitor C10 is charged through D2
during the positive half of the sine wave from the R29, C12
mains voltage dropper. Identical charging circuitry exists for
the other two phases. During the negative sine wave, C11 is
charged through diode D1. The unregulated voltage charged
on C10 and C11 is limited to 47 V by means of zener diode D7.
Resistors R32 and R33 act as current limiting resistors that
feed the unregulated voltage to the positive and negative
voltage regulators U3 and U4. The voltage regulators need a
load capacitance of around 10µF (C8 and C9) to be in a stable
operating region. C15 acts as a supply voltage storage
capacitor.
Jumpers J4, J5 and J7 allow the power supply to be completely
disconnected form the metering section from the device.
The module represents a Class 1 meter that is designed to
demonstrate the functionality and performance of the
SA2005M or SA2005P metering circuits. The SA2005M/P is
single chip solution for a three-phase meter that drives a
mechanical counter. When the meter PCB is designed, it
should be taken into account that the SA2005 is a mixed signal
integrated circuit and special care should to be taken with the
power supply and signal routing to the device.
The SA2005 should be protected from its measuring
environment. This is achieved by using resistor dividers to
scale all the SA2005 input signals. MOV's Z1, Z2, Z3 together
with resistors R29, R30, R31 protects the power supply
capacitors. The current setting resistors on the current sense
inputs of the device attenuates common mode and
asymmetrical transients.
All the resistors connecting to the SA2005's current sense
Protection
Component placement
inputs should be placed as close as possible to the SA2005.
This eliminates the possibility of any stray signal coupling into
the divided input signal.
The GND pin of the SA2005 is connected to the neutral phase,
which is halfway between VDD and VSS. Note that supply
bypass capacitors C4 and C5 are positioned as close as
possible to the supply pins of the SA2005, and connected to a
solid ground plane. Capacitor C6 is positioned as close as
possible to the supply pins of the device for proper supply
bypassing.
The 5V supply is de-coupled and routed directly to the power
pins of the IC by means of capacitor C5. Care is taken not to
have current flowing in the node that connects the voltage
reference resistor to VSS as it may introduce power supply
noise on the voltage reference circuit.
Most of the signal routing is done in such a manner that any
signal coupling in to the measured signal will be a common
mode noise signal and is rejected subsequently. Care should
be taken that the signals to the SA2005 is not influenced by
other sources such as transformers with electric fields
coupling in to the signals.
Calibration can be done by adjusting the trimpots (P1, P2, P3)
connected to the three voltage inputs.
Ground Plane
Power Supply routing and de coupling
Signal Routing
Calibration
10
20
30
40
60
80
230
230
230
230
230
230
PH/DIR
PH/DIR
VDD
PH/DIR
VDD
PH/DIR
PH/DIR or VDD
PH/DIR or VDD
PH/DIR or VDD
VSS or Open
VSS or Open
VSS or Open
VDD
VDD
VDD
VDD
VDD
VDD
3200
1600
1600
3200
3200
1600
800
400
400
200
200
100
Motor Pulse
Rate (Pulses/kWh)
LED Pulse rate
(Pulses/kWh)
IM
RE
RA
Vmax
Imax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com