Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9105G Datasheet(PDF) 2 Page - Sames

Part # SA9105G
Description  Evaluation Module for SA4301A and SA9105G
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105G Datasheet(HTML) 2 Page - Sames

  SA9105G Datasheet HTML 1Page - Sames SA9105G Datasheet HTML 2Page - Sames SA9105G Datasheet HTML 3Page - Sames SA9105G Datasheet HTML 4Page - Sames SA9105G Datasheet HTML 5Page - Sames SA9105G Datasheet HTML 6Page - Sames SA9105G Datasheet HTML 7Page - Sames SA9105G Datasheet HTML 8Page - Sames SA9105G Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
http://www.sames.co.za
2/14
PRELIMINARY
PM4301APDA
ANALOG INPUTS
The most important external circuitry required for the
SA4301A/SA9105G are the voltage sense input and current
sense input networks. These circuits translate the mains
voltages and load currents into signals that can be sensed
by the energy metering device. These networks should be
constructed using good quality resistors and capacitors to
ensure adequate immunity to temperature and noise.
The functions of the current and voltage input networks are
the following:
n
to sense the load currents and mains voltages and
convert them to signals that are appropriate for the
SA4301A/SA9105G,
n
to allow calibration of the meter,
n
to compensate for any phase shift present in the current
transformers and
n
to filter all high frequency noise and other disturbances
in the current and voltage signals in order to maintain
adequate accuracy when electromagnetic disturbances
are applied to the energy meter.
Current Sense Input Networks
A typical three phase energy metering system has to use
current transformers (CTs) as current sensing elements in
order to provide the required isolation between the three line
voltages. The PM4301APDA has therefore been designed
to be used with current transformers as current sensing
elements. Three identical current input networks are
provided on the evaluation module, one for each phase of a
three phase system. All three current input networks should
be identical.
The PM4301APDA evaluation module has been set up for a
meter with an IMAX of 60A when using a current transformer
with a turns ratio of 1:2500. The current input networks can
easily be reconfigured for any other IMAX or current
transformer turns ratio by simply changing the current
transformer burden resistors (R1 and R2) as illustrated in
Table 1.
Figure 2 shows the circuit diagram of one current input
network as implemented on the PM4301APDA evaluation
module (Phase 1) with an external current transformer
connected. The circuit is repeated for the other two current
input networks.
At maximum rated mains current (IMAX) the current input
network should be designed to supply an input current of
16μARMS to the current sense inputs (IIP1/IIN1, IIP2/IIN2
and IIP3/IIN3) of the SA4301A/SA9105G. The current sense
inputs saturate at an input current of ±17.6μARMS
(±25μAPEAK), so this allows about 10% headroom until
saturation occurs. Referring to Figure 2, the resistors R1
and R2 form the current transformers termination resistor.
The reference level is connected in the centre of the
termination resistor to achieve purely differential input
currents. The voltage drop across the current transformer
termination resistors at maximum rated mains current
should be in the order of 100mVRMS. Assuming current
transformers with a low phase shift and a turns ratio of
1:2500, the value of the termination resistors R1 and R2 is
therefore
B
MAX
CT
R
2
2
1
I
N
mV
100
R2
R1
=
W
»
´
´
=
=
where NCT is the current transformer ratio (2500) and IMAX is
the maximum rated mains current (60A).
The resistors R3 to R6 define the current flowing into the
energy metering device. The optimum input network is
achieved by setting the input resistors equal, i.e. setting R3
= R4 = R5 = R6. Noting that the energy metering device
creates a virtual short circuit between the differential current
sense inputs (IIP and IIN) the values can be calculated as
follows:
C
B
CT
MAX
R
k
5
.
1
A
16
2
R
N
I
R6
R5
R4
R3
=
W
=
m
´
´
=
=
=
=
SA4301A
SA9105G
R5
R3
R1
IIN1
IIP1
GND
CT1
Current In
16μA
RMS
R6
R4
R2
Current Out
GND
GND
C1
C2
JS1 “P”
JS1 “N”
SA4301A
SA9105G
R5
R3
R1
IIN1
IIP1
GND
CT1
Current In
16μA
RMS
R6
R4
R2
Current Out
GND
GND
C1
C2
JS1 “P”
JS1 “N”
Figure 2: Current channel 1 input network on the PM4301APDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com