Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2102DSA Datasheet(PDF) 3 Page - Sames

Part # SA2102DSA
Description  Reference Meter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102DSA Datasheet(HTML) 3 Page - Sames

  SA2102DSA Datasheet HTML 1Page - Sames SA2102DSA Datasheet HTML 2Page - Sames SA2102DSA Datasheet HTML 3Page - Sames SA2102DSA Datasheet HTML 4Page - Sames SA2102DSA Datasheet HTML 5Page - Sames SA2102DSA Datasheet HTML 6Page - Sames SA2102DSA Datasheet HTML 7Page - Sames SA2102DSA Datasheet HTML 8Page - Sames SA2102DSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Substituting the values result in:
RB = 23.437k
RA = RB x (220V / 14V -1)
RA = 396.34k
Standard resistor values of 100k
are chosen for R1 and
180k
for R2. The value of Rtrim is chosen to cover ±20% of
RA. The values in the resistor ladder are used so that the
resistor value halves with the next value. This results in using
only two values in the E96 resistor range.
Resistors R15 and R16 (figure 3) define the current level into
the current sense inputs of the SA2102D. The PM2102DP
meter can be used with most available shunts. The
explanation in this text is given for a 625µ
shunt with an I
of
80A and 50mV at I
. To ensure proper current sensing it is
advisable to use a shunt that will give a voltage drop of at least
20mV at rated conditions. The resistor values are calculated
for an input of 16µA
on the current sense inputs at rated
conditions. The design equation is as follows:
R15 = R16 = (I / 16µA) x R
/ 2
I = Line current
R
= Shunt value
Also see the section on
.
T
W
W
W
W
W
W
CURRENT SENSE INPUT
REFERENCE VOLTAGE
MA
X
MA
X
RM S
LSH
L
SH
DESIGN EXAMPLES
he on chip reference current is derived from a 47k
resistor
sames
RM2102DSE
3/16
Figure 2: Voltage divider circuit and Resistive Calibration Network
http://www.sames.co.za
connected between pin 3 of the device and VSS.
Analog Ground (GND)
The GND pin of the SA2102D is connected to the live phase,
which is halfway between V and V .
The PM2102DP meter can be connected directly to live and
neutral at terminals 3 and 4 on the meter-box. These terminals
are internally connected to J1 on the PCB. The current must be
connected to terminals 1 and 2 on the meter-box, which is
internally connected to J2.
DD
SS
PM2102DP METER SETUP
External Connectors
PRELIMINARY
R1
R2
R4
R5
R6
R7
R10
R11
R12
R13
J3
J4
J5
J6
J7
J8
J9
J10
NEUTRAL
LIVE IN
R14
RB
R18
RA
LIVE IN
LIVE OUT
Shunt
R15
R16
IIN
IIP
Figure 3: Current sensing using a shunt
Opto-isolated
Pulse output
Current In
Current out
Live
Neutral
12345
6
1+
2
3-
4
Counter
Figure 4: Current and mains voltage connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com