Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2102D Datasheet(PDF) 8 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 8 Page - Sames

Back Button SA2102D Datasheet HTML 4Page - Sames SA2102D Datasheet HTML 5Page - Sames SA2102D Datasheet HTML 6Page - Sames SA2102D Datasheet HTML 7Page - Sames SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames SA2102D Datasheet HTML 10Page - Sames SA2102D Datasheet HTML 11Page - Sames SA2102D Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
sames
SA2102D
8/16
http://www.sames.co.za
These inputs are protected against electrostatic discharge
through clamping diodes.
The feedback loops from the outputs of the amplifiers A and A
generate virtual shorts on the signal inputs. Exact duplications
of the input currents are generated for the analog signal
processing circuitry.
IV
The current and voltage sense inputs are both identical. Both
inputs are differential current driven up to ±25µA peak. One
input of the voltage sense amplifier is internally connected to
AGND. This is possible because the voltage sense input is
much less sensitive to externally induced parasitic signals
compared to the current sense inputs.
The power consumption of the SA2102D integrated circuit is
less than 25mW.
A bias resistor of 47k
sets optimum bias and reference
conditions on chip. Calibration of the SA2102D should be done
on the voltage input as described in the Typical Application
section and not on the Vref input.
Figure 6 shows the typical connections for the current sensor
input. The resistor R1 and R2 define the current level into the
current sense inputs of the SA2102D. At Maximum Rated
Mains current (I
) the resistor values should be selected for
an input current of 16µA
.
POWER CONSUMPTION
INPUT SIGNALS
Voltage Reference (VREF)
Current sense input (IIP and IIN)
W
MAX
RMS
The values for resistors R1 and R2 can be calculated as
follows:
R1 = R2 = (I /16µA) x RSH/2
Where I
=
Line current
RSH
=
Shunt resistor or termination
resistor if a CT is used as the current sensor.
The value of RSH, if used as the CT's termination resistor,
should be less than the DC resistance of the CT's secondary
winding. The voltage drop across RSH should not be less
than 20mV
at I
The current into the A/D converter should be set at 14µA
at
Nominal Mains Voltage (V
).
The voltage sense input saturates at an input
current of ±25µA peak. Referring to Figure 6 the typical
connections for the voltage sense input is illustrated.
Resistors R3, R4 and R5 set the current for the voltage sense
input. The Nominal Mains Voltage is divided down to 14V
.
The current into the A/D converter input is set at 14µA
via
resistor R5 of value 1M
L
L
RMS
RMS
NOM
RMS
RMS
MA
X
Voltage Sense Input (IVP)
This is to allow a variation of
±10% for the mains voltage without saturating the voltage
sense input.
The FAST pin is used to select between STANDARD and
FAST mode. Leaving this pin open or connecting to Vss
enables the STANDARD mode and connecting to Vdd
enables FAST mode.
When STANDARD mode is enabled the LED output pulses at
a low frequency. This low frequency allows a longer
accumulation period and the output pulses are therefore
proportional to the average power consumption measured.
The Rated Select Condition pins (R0,R1 andR2) are used to
select different LED output frequencies which in turn selects
the applications meter constant. Refer to figure 8 for the LED
output timing diagram in STANDARD mode.
When the FAST mode is enabled the LED output generates
pulses at a frequency of 1160Hz at I
and V
. In this
mode the pulse frequency is proportional to the
instantaneous power consumption measured. This mode is
used for meter calibration purposes and can also be used
when interfacing to a microcontroller. Refer to figure 9 for the
LED output timing diagram in FAST mode.
W.
Fast Mode Select (FAST)
MAX
NOM
Figure 6: Application circuit
VDD
VDD
Supply
Supply
N
L
PULSES
REVERSE
VDD
IIN
R1
R2
R5
R3
R4
P1
IIP
IVP
AGND
VSS FAST
R0 R1 R2
VREF
LOAD
DR-01568
L
N
LED
MOP
SA2102D
8888888
MON
DIRO DIRI
SO
Rsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com