Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA4101A Datasheet(PDF) 1 Page - Sames

Part # SA4101A
Description  Single Phase Kilowatt-hour Metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4101A Datasheet(HTML) 1 Page - Sames

  SA4101A Datasheet HTML 1Page - Sames SA4101A Datasheet HTML 2Page - Sames SA4101A Datasheet HTML 3Page - Sames SA4101A Datasheet HTML 4Page - Sames SA4101A Datasheet HTML 5Page - Sames SA4101A Datasheet HTML 6Page - Sames SA4101A Datasheet HTML 7Page - Sames SA4101A Datasheet HTML 8Page - Sames SA4101A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Single Phase Kilowatt-hour Metering IC
SPEC-1081 (REV. 2)
1/15
29-09-2017
SA4101A
FEATURES
Meets the IEC61036 specification requirements for
Class 1 AC static watt-hour meters for active energy
Less than 0.5% Error over a dynamic range of 1:500
The motor drive outputs (MOP, MON) provide the
average power information and can drive an electro-
mechanical counter directly
LED pulse output for calibration purposes
Bidirectional and unidirectional energy measurement
Configurable for different meter ratings
Precision on-chip oscillator (70ppm/°C drift)
Precision on-chip voltage reference (10ppm/°C drift)
On-chip anti-creep function (0.02% of IMAX)
Low power consumption (<25mW typical)
Measures AC inputs only
DESCRIPTION
The SA4101A is an accurate single phase power/energy
metering integrated circuit providing a single-chip solution for
energy meters. Very few external components are required
and the device has direct drive capability for electro-
mechanical counters. The SA4101A does not require an
external crystal. A precision oscillator, which supplies the
circuitry with a stable frequency, is integrated on chip. The
SA4101A metering integrated circuit generates a pulse rate
output, the frequency of which is proportional to the power
consumption. The SA4101A performs the calculation for
active power. The method of calculation takes the power
factor into account.
Programmable inputs allow the meter manufacturer to
configure the SA4101A for different meter maximum currents
(IMAX) and nominal voltages (VNOM) without having to change
the stepper motor or impulse counter gear ratio. The LED
pulse output follows the average power consumption
measured and is intended for meter calibration purposes. In
fast calibration mode this output provides a high frequency
pulse rate following the instantaneous power consumption
and can be used for fast calibration or to interface with a
microcontroller. The SA4101A includes an anti-creep feature
preventing any creep effects in the meter. The SA4101A can
be configured for positive, negative or bidirectional energy
measurement.
The SA4101A integrated circuit is available in a 20 pin small
outline (SOIC20) RoHS compliant package.
Figure 1: Block diagram
VREF
VSS
MON
MOP
MOTOR
DRIVE
BUFFERS
DIVISION
FOR
COUNTER OUTPUT
OSCILLATOR
AND
TIMING
VOLTAGE REFERENCE
AND
CURRENT BIASING
VOLTAGE
CHANNEL
ADC
CURRENT
CHANNEL
ADC
AGND
IVP
IIN
IIP
VDD
DIGITAL
OUTPUT
DIGITAL
OUTPUT
Instantaneous
power
SIGNAL PROCESSING
Average
power
FAST
DIRI
SO
DIVISION
FOR
CALIBRATION
LED OUTPUT
LED
R0
R1
R2
DIRO
INTEGRATION
CNF


Similar Part No. - SA4101A

ManufacturerPart #DatasheetDescription
logo
Sames
SA4104A SAMES-SA4104A Datasheet
407Kb / 14P
Evaluation Module for SA4104A and SA4104B
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
Single Channel Single Phase Energy
SA4104ASAR SAMES-SA4104ASAR Datasheet
564Kb / 18P
Single Channel Single Phase Energy
SA4104B SAMES-SA4104B Datasheet
407Kb / 14P
Evaluation Module for SA4104A and SA4104B
SA4104BSAR SAMES-SA4104BSAR Datasheet
564Kb / 18P
Single Channel Single Phase Energy
More results

Similar Description - SA4101A

ManufacturerPart #DatasheetDescription
logo
Sames
PM9109BFE SAMES-PM9109BFE Datasheet
179Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
PM9110BFA SAMES-PM9110BFA Datasheet
162Kb / 14P
MONOCHIP THREE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
SA9109B SAMES-SA9109B Datasheet
183Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
logo
Analog Devices
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Sames
SA2002P SAMES-SA2002P Datasheet
127Kb / 14P
Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
logo
Analog Devices
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
Sames
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
Single Phase Kilowatt-hour Metering IC
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com