Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA4101ASAR Datasheet(PDF) 10 Page - Sames

Part # SA4101ASAR
Description  Single Phase Kilowatt-hour Metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4101ASAR Datasheet(HTML) 10 Page - Sames

Back Button SA4101ASAR Datasheet HTML 6Page - Sames SA4101ASAR Datasheet HTML 7Page - Sames SA4101ASAR Datasheet HTML 8Page - Sames SA4101ASAR Datasheet HTML 9Page - Sames SA4101ASAR Datasheet HTML 10Page - Sames SA4101ASAR Datasheet HTML 11Page - Sames SA4101ASAR Datasheet HTML 12Page - Sames SA4101ASAR Datasheet HTML 13Page - Sames SA4101ASAR Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SPEC-1081 (REV. 2)
10/15
29-09-2017
SA4101A
Direction Select Input (DIRI)
Depending on the state of the DIRI pin the energy to be
measured can be in the positive direction only, in the negative
direction only, or in both directions.
Connecting DIRI to VDD will result in energy only being
measured in the positive direction. Energy flowing in the
negative direction will not be measured. Connecting DIRI to
VSS will result in energy only being measured in the negative
direction. Energy flowing in the positive direction will not be
measured. Connecting the DIRI pin to the DIRO output pin
enables bidirectional mode where energy is measured
regardless of direction.
OUTPUT SIGNALS
Motor pulse output (MOP, MON)
The MOP and MON pins are complimentary outputs with a
frequency proportional to the average power consumption
measured. These outputs can be used to either directly drive
a stepper motor counter or an electro-mechanical impulse
counter. The Rated Conditions Select pins (R0, R1 and R2)
allow
the
selection
of
different
output
frequencies
corresponding to different meter constants. Figure 8 indicates
the timing of these signals.
t1 = t2 = t3 = 213ms
t4 is proportional to the average power and can be calculated
using Equation 2 and the motor output constants in Table 2.
Figure 8: Motor outputs MON and MOP
LED Output (LED)
The LED output pin provides a pulse output with a frequency
proportional to the average energy when in STANDARD
mode and the instantaneous energy when in FAST mode.
This output is primarily used for calibration purposes. The
Rated Conditions Select pins (R2, R1 and R0) allow different
frequencies to be selected. The LED output is active low.
Figure 9 shows the LED waveform when in STANDARD
mode.
t1 = 90ms
t2 is proportional to the average power and can be calculated
using Equation 1 along with the appropriate LED output
constant in Table 1.
Figure 9: LED pulse output in STANDARD mode
In FAST mode the LED pulse output is set at a high frequency
of 1160Hz at IMAX and VNOM. This mode is useful for fast
calibration and can be used to interface to a microcontroller.
Figure 10 indicates the LED output signal in FAST mode.
Figure 10: LED pulse output in fast mode
To convert pulses per kilowatt-hour to frequency (in Hz) or
vice versa the following equations can be used:
������������������������������������ = ����/��������ℎ (
1000 × 3600
���� × ����
)
⁄
����/��������ℎ = ������������������������������������ × (
1000 × 3600
���� × ����
)
where
P/kWh is the LED or MON/MOP pulse constant
I is the current in amperes
V is the voltage (normally VNOM)
Direction Indicator Output (DIRO)
The direction of energy flow may be ascertained by
monitoring the DIRO pin. A low level on this pin indicates
negative energy flow. Positive energy flow is indicated on pin
DIRO as a logic high. The DIRO pin may be used to drive an
LED.
t
1
t
4
t
2
MON
MOP
t
3
t
1
t
2
Time
Amplitude
Current
Voltage
Instantaneous Power
Pulse Stability
disabled
(SO to V
SS)
Pulse Stability
enabled
(SO to V
DD)
67-70µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com