Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6100-1PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6100-1PCBA
Description  3V 900MHZ LINEAR POWER AMPLIFIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-1PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF6100-1PCBA Datasheet HTML 1Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 2Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 3Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 4Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 5Page - RF Micro Devices RF6100-1PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2-691
RF6100-1
Rev A0 031219
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
FM Mode
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=0V, and POUT=31dBm for all
parameters (unless otherwise specified).
Operating Frequency Range
824
849
MHz
AMPS Maximum Output Power
31
dBm
AMPS Efficiency
47
53
%
AMPS Gain
24
28
AMPS Second Harmonics
-35
-30
dBc
AMPS Third Harmonics
-40
-30
dBc
Power Supply
Supply Voltage
3.2
3.4
4.2
V
High Gain Idle Current
65
100
mA
VMODE=low and VREG=2.8V
Low Gain Idle Current
55
70
mA
VMODE=high and VREG=2.8V
VREG Current
4.7
5.5
mA
VMODE=high
VMODE Current
250
1000
uA
RF Turn On/Off Time
6
uS
DC Turn On/Off Time
40
uS
Total Current (Power Down)
0.2
5.0
uA
VREG Low Voltage
0
0.5
V
VREG High Voltage
(Recommended)
2.75
2.8
2.95
V
VREG High Voltage
(Operational)
2.7
3.0
V
VMODE Voltage
0
0.5
V
High Gain Mode
2.0
2.8
V
Low Gain Mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com