Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA4305ASAR Datasheet(PDF) 1 Page - Sames

Part # SA4305ASAR
Description  Three Phase Bidirectional Energy Metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4305ASAR Datasheet(HTML) 1 Page - Sames

  SA4305ASAR Datasheet HTML 1Page - Sames SA4305ASAR Datasheet HTML 2Page - Sames SA4305ASAR Datasheet HTML 3Page - Sames SA4305ASAR Datasheet HTML 4Page - Sames SA4305ASAR Datasheet HTML 5Page - Sames SA4305ASAR Datasheet HTML 6Page - Sames SA4305ASAR Datasheet HTML 7Page - Sames SA4305ASAR Datasheet HTML 8Page - Sames SA4305ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Three Phase Bidirectional Energy Metering IC
with Instantaneous Frequency Output
SPEC-3093 (REV. 2)
1/15
29-09-2017
SA4305A
FEATURES
Meets the IEC62053, CBIP-88 and IS137799-1999
specification requirements for Class 1 AC static watt-
hour meters for active energy
Pulse output supplies instantaneous active power
information
Bidirectional
three
phase
power
and
energy
measurement
Precision on-chip oscillator (70ppm/°C drift)
Precision on-chip voltage reference (10ppm/°C drift)
Integrated anti-creep function per channel
Low power consumption (<40mW typical)
Measures AC inputs only
Functionally compatible with SA2005F
DESCRIPTION
The SA4305A is an accurate three phase power/energy
metering integrated circuit providing a single chip solution for
three phase energy metering. Very few external components
are required and the SA4305A does not require an external
crystal or voltage reference. A precision oscillator and a
precision voltage reference to supply the circuitry with a
stable frequency and stable reference currents are integrated
on the chip.
The SA4305A metering integrated circuit generates a pulse
output, the frequency of which is proportional to the
instantaneous active power consumption. The pulse output is
intended to interface with a microcontroller or similar pulse
counting circuitry.
The SA4305A includes an anti-creep feature preventing any
creep effects that affect meter accuracy under no-load or
missing phase conditions.
The SA4305A integrated circuit is available in a 20 pin small
outline (SOIC20) RoHS compliant package.
Figure 1: Block diagram
VREF
VSS
OSCILLATOR
AND
TIMING
VOLTAGE REFERENCE
AND
CURRENT BIASING
VOLTAGE
CHANNEL1
ADC
CURRENT
CHANNEL1
ADC
IIP1
POWER ON
RESET
Digital
Output
Instantaneous
power
SIGNAL PROCESSING
FOUT
PULSE
GENERATION
VDD
IIN1
IVP1
AGND
VOLTAGE
CHANNEL2
ADC
CURRENT
CHANNEL2
ADC
IIP2
IIN2
IVP2
VOLTAGE
CHANNEL3
ADC
CURRENT
CHANNEL3
ADC
IIP3
IIN3
IVP3
Digital
Output
Digital
Output
Digital
Output
Digital
Output
Digital
Output
DIR
PGM0
PGM1
ANTI
CREEP
ANTI
CREEP
ANTI
CREEP
FPM
ABS
ABS
ABS
MS


Similar Part No. - SA4305ASAR

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA430(C)-G COMCHIP-SA430(C)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
logo
Sames
SA4301A SAMES-SA4301A Datasheet
636Kb / 23P
Polyphase Energy Metering IC with Pulse Outputs
SA4301A SAMES-SA4301A Datasheet
423Kb / 14P
Evaluation Module for SA4301A and SA9105G
SA4301ASAR SAMES-SA4301ASAR Datasheet
636Kb / 23P
Polyphase Energy Metering IC with Pulse Outputs
logo
Comchip Technology
SA430A(CA)-G COMCHIP-SA430A(CA)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA4305ASAR

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9103E SAMES-SA9103E Datasheet
125Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9603C SAMES-SA9603C Datasheet
214Kb / 18P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
SA9604A SAMES-SA9604A Datasheet
106Kb / 20P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL SPI INTERFACE
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
Sames
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
THREE PHASE POWER/ENERGY METERING MODULE
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com