| Electronic Components Datasheet Search |
|
PIC16F74-I/SP Datasheet(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F74-I/SP Datasheet(HTML) 95 Page - Microchip Technology |
|
95 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 93 PIC16F7X 12.3 RESET The PIC16F7X differentiates between various kinds of RESET: • Power-on Reset (POR) • MCLR Reset during normal operation • MCLR Reset during SLEEP • WDT Reset (during normal operation) • WDT Wake-up (during SLEEP) • Brown-out Reset (BOR) Some registers are not affected in any RESET condi- tion. Their status is unknown on POR and unchanged in any other RESET. Most other registers are reset to a “RESET state” on Power-on Reset (POR), on the MCLR and WDT Reset, on MCLR Reset during SLEEP, and Brown-out Reset (BOR). They are not affected by a WDT Wake-up, which is viewed as the resumption of normal operation. The TO and PD bits are set or cleared differently in different RESET situa- tions, as indicated in Table 12-4. These bits are used in software to determine the nature of the RESET. See Table 12-6 for a full description of RESET states of all registers. A simplified block diagram of the on-chip RESET circuit is shown in Figure 12-4. FIGURE 12-4: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT S RQ External RESET MCLR VDD OSC1 WDT Module VDD Rise Detect OST/PWRT On-chip RC OSC WDT Time-out Power-on Reset OST 10-bit Ripple Counter PWRT Chip_Reset 10-bit Ripple Counter Reset Enable OST Enable PWRT SLEEP Note 1: This is a separate oscillator from the RC oscillator of the CLKIN pin. Brown-out Reset BODEN (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |