Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BAS40
Description  SMD Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS40 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BAS40_17 Datasheet HTML 1Page - Diotec Semiconductor BAS40_17 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS40, BAS40-04, BAS40-05, BAS40-06
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 1 mA
IF = 40 mA
VF
< 380 mV
< 1000 mV
Leakage current
Sperrstrom
Tj = 25°C
VR = 30 V
IR
< 200 nA 1)
Breakdown voltage
Abbruch-Spannung
Tj = 25°C
IR = 10 µA
VBR
> 40 V 1)
Junction capacitance
Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
< 5 pF
Reverse recovery time
Sperrverzug
IF = 10 mA über/through
IR = 10 mA bis/to IR = 1 mA
trr
< 5 ns
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 400 K/W 2)
2
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2%
Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
©
[%]
P
tot
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von der Umgebungstemp. )
1
1
120
100
80
20
0
0
150
50
100
T
A
[°C]
60
40
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 1.4
1.0
0.8
0.6
0.4
0
[A]
I
F
10-4
10-3
10-2
10-1
1
T = 25°C
j



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com