Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19WS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAV19WS
Description  SMD Small Signal Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV19WS Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAV19WS_17 Datasheet HTML 1Page - Diotec Semiconductor BAV19WS_17 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV19WS ... BAV21WS
BAV19WS ... BAV21WS
SMD Small Signal Switching Diodes
SMD Kleinsignal Schalt-Dioden
IFAV = 200 mA
VF1
< 1 V
Tjmax = 150°C
VRRM = 120...250 V
IFSM1 = 2.5 A
trr
< 50 ns
Version 2017-01-13
~ SOD-323
Dimensions - Maße [mm]
Type Code = WO
Typical Applications
Signal processing, High-speed
switching, Rectifying
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung, Schnelles
Schalten, Gleichrichten
Standardausführung 1)
Features
High reverse voltage
Superfast Recovery
Low junction capacity
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Hohe Sperrspannung
Superschneller Sperrverzug
Niedrige Sperrschichtkapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
BAV19WS BAV20WS BAV21WS
Power dissipation − Verlustleistung
Ptot
200 mW 3)
Max. average forward current – Dauergrenzstrom (dc)
IFAV
200 mA 3)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
625 mA 3)
Non repetitive peak forward surge current
Stoßstrom in Fluss-Richtung
tp ≤ 1 s
tp ≤ 1 µs
IFSM
0.5 A
2.5 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
120 V
200 V
250 V
Reverse voltage
Sperrspannung
DC
VR
100 V
150 V
200 V
Junction temperature – Sperrschichttemperatur
Tj
+150° C
Storage temperature – Lagerungstemperatur
TS
- 55…+150° C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
2.5±0.2
Type
Code
1.7±0.1


Similar Part No. - BAV19WS_17

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BAV19WS BILIN-BAV19WS_17 Datasheet
211Kb / 3P
Silicon Epitaxial Planar Diode
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
More results

Similar Description - BAV19WS_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
logo
Diotec Semiconductor
LS4148 DIOTEC-LS4148_15 Datasheet
143Kb / 2P
Small Signal SMD Switching Diodes
1N4148WS DIOTEC-1N4148WS_16 Datasheet
134Kb / 2P
SMD Small Signal Switching Diodes
LL4148 DIOTEC-LL4148_15 Datasheet
135Kb / 2P
Small Signal SMD Switching Diodes
1N4148W DIOTEC-1N4148W_17 Datasheet
132Kb / 2P
SMD Small Signal Switching Diodes
1N4148WS DIOTEC-1N4148WS_17 Datasheet
144Kb / 2P
SMD Small Signal Switching Diodes
LL4148 DIOTEC-LL4148_17 Datasheet
128Kb / 2P
SMD Small Signal Switching Diodes
1N4148WS DIOTEC-1N4148WS_18 Datasheet
145Kb / 2P
SMD Small Signal Switching Diodes
1N4148WT DIOTEC-1N4148WT Datasheet
141Kb / 2P
SMD Small Signal Switching Diodes
BAV19WS DIOTEC-BAV19WS_18 Datasheet
142Kb / 2P
SMD Small Signal Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com