| Electronic Components Datasheet Search |
|
PIC16F74-E/SP Datasheet(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F74-E/SP Datasheet(HTML) 51 Page - Microchip Technology |
|
51 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 49 PIC16F7X 6.4 Timer1 Operation in Asynchronous Counter Mode If control bit T1SYNC (T1CON<2>) is set, the external clock input is not synchronized. The timer continues to increment asynchronous to the internal phase clocks. The timer will continue to run during SLEEP and can generate an interrupt on overflow, which will wake-up the processor. However, special precautions in soft- ware are needed to read/write the timer (Section 6.4.1). In Asynchronous Counter mode, Timer1 cannot be used as a time-base for capture or compare operations. 6.4.1 READING AND WRITING TIMER1 IN ASYNCHRONOUS COUNTER MODE Reading TMR1H or TMR1L, while the timer is running from an external asynchronous clock, will ensure a valid read (taken care of in hardware). However, the user should keep in mind that reading the 16-bit timer in two 8-bit values itself, poses certain problems, since the timer may overflow between the reads. For writes, it is recommended that the user simply stop the timer and write the desired values. A write conten- tion may occur by writing to the timer registers, while the register is incrementing. This may produce an unpredictable value in the timer register. Reading the 16-bit value requires some care. The example code provided in Example 6-1 and Example 6-2 demonstrates how to write to and read Timer1 while it is running in Asynchronous mode. EXAMPLE 6-1: WRITING A 16-BIT FREE-RUNNING TIMER EXAMPLE 6-2: READING A 16-BIT FREE-RUNNING TIMER ; All interrupts are disabled CLRF TMR1L ; Clear Low byte, Ensures no rollover into TMR1H MOVLW HI_BYTE ; Value to load into TMR1H MOVWF TMR1H, F ; Write High byte MOVLW LO_BYTE ; Value to load into TMR1L MOVWF TMR1H, F ; Write Low byte ; Re-enable the Interrupt (if required) CONTINUE ; Continue with your code ; All interrupts are disabled MOVF TMR1H, W ; Read high byte MOVWF TMPH MOVF TMR1L, W ; Read low byte MOVWF TMPL MOVF TMR1H, W ; Read high byte SUBWF TMPH, W ; Sub 1st read with 2nd read BTFSC STATUS,Z ; Is result = 0 GOTO CONTINUE ; Good 16-bit read ; TMR1L may have rolled over between the read of the high and low bytes. ; Reading the high and low bytes now will read a good value. MOVF TMR1H, W ; Read high byte MOVWF TMPH MOVF TMR1L, W ; Read low byte MOVWF TMPL ; Re-enable the Interrupt (if required) CONTINUE ; Continue with your code |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |