Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC84502AP Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC84502AP
Description  PS/2 MOUSE CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84502AP Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC84502AP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84502AP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Silan
Semiconductors
SC84502
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
8
9
VDD
OP
NC
NC
OSC OUT
CLK
DATA
VSS
OSCR
Y2
Y1
X2
X1
L
M
R
1
2
3
4
5
6
7
VDD
OP
R
VSS
OSC OUT
CLK
DATA
16
15
14
13
12
11
10
OSCR
Y2
Y1
X2
X1
L
M
BLOCK DIAGRAM( Refer to SC84502BP )
COUNTER
DATA
I/O
TIMING
CONTROLLER
SYSTEM
CLOCK
GENERATOR
2
12
13
14
15
11
10
9
16
5
7
6
OP
X1
X2
Y1
Y2
L
M
R
OSCR
OSC OUT
DATA
CLK
1
8
3
4
VDD
VSS
NC
NC
DC ELECTRICAL CHARACTERISTICS (Tamb=25~70°C)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
--
4.5
5
5.5
V
Operating Current
Iop
No Load
--
--
1.2
mA
X1,X2,Y1,Y2
Low Input reference current
Ipl
--
70
--
--
µA
X1,X2,Y1,Y2
High Input reference current
Iph
--
--
--
106
µA
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com