Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F15244 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F15244
Description  Florence Lens array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15244 Datasheet(HTML) 1 Page - Ledil, Inc.

  F15244 Datasheet HTML 1Page - Ledil, Inc. F15244 Datasheet HTML 2Page - Ledil, Inc. F15244 Datasheet HTML 3Page - Ledil, Inc. F15244 Datasheet HTML 4Page - Ledil, Inc. F15244 Datasheet HTML 5Page - Ledil, Inc. F15244 Datasheet HTML 6Page - Ledil, Inc. F15244 Datasheet HTML 7Page - Ledil, Inc. F15244 Datasheet HTML 8Page - Ledil, Inc. F15244 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Florence series
last update 13/7/2017
DETAILS
Product Number
F15244_FLORENCE-ZT25-S
Family
Florence
Type
Lens array
Color
clear
Diameter
286 + 61 mm
Height
11,38 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
screw
Status
production ready
ROHS Compliant
Yes
Date Updated
13/07/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LG 5630
Asymmetric degAsymmetric 94 %
0.650
-
Duris E5
Asymmetric degAsymmetric 94 %
0.730
-
LM561B Plus
Asymmetric degAsymmetric 94 %
0.650
-
LM28xB Series
sim: AsymmetricAsymmetric sim: 94 % sim: 0.770 -
January 24th 2018 2:16 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F15244

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F1524S-1WR3 MORNSUN-F1524S-1WR3 Datasheet
2Mb / 6P
1W isolated DC-DC converter Fixed input voltage, unregulated dual/single output
2022.08.08
F1524S-2WR3 MORNSUN-F1524S-2WR3 Datasheet
1Mb / 5P
2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.03.17
More results

Similar Description - F15244

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14454 LEDIL-C14454 Datasheet
2Mb / 41P
Florence Lens
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
C14642 LEDIL-C14642 Datasheet
2Mb / 51P
Florence Lens
F13853 LEDIL-F13853 Datasheet
3Mb / 66P
Florence Lens array
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14170 LEDIL-F14170 Datasheet
4Mb / 58P
Florence Lens array
F14304 LEDIL-F14304 Datasheet
2Mb / 50P
Florence Lens
F16007 LEDIL-F16007 Datasheet
1Mb / 12P
Florence Lens array
F16261 LEDIL-F16261 Datasheet
1Mb / 10P
Florence Lens array
F15069 LEDIL-F15069 Datasheet
1Mb / 25P
Florence Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com