Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX610 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # OX610
Description  Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX610 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  OX610 Datasheet HTML 1Page - Advanced Crystal Technology OX610 Datasheet HTML 2Page - Advanced Crystal Technology OX610 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OX610 Series
Output characteristics
  Parameter
Specification
Remarks/Test condition
Frequency range 
5.0MHz ~ 125.0MHz
HCMOS output
 Standard: 10MHz, 32.8MHz 
Frequency range 
Sinewave  output
 Standard: 10MHz, 20MHz, 100MHz 
Supply voltage (Vs)
5.0V typical 
Min: 4.75V, Max: 5.25V 
12.0V typical 
Min: 11.4V, Max: 12.6V 
 
Reference voltage VREF output 
4.0V 
For Vs = 5.0V
5.0V 
For Vs = 12.0V
Warm‐up current consumption
600.0mA max
Vs = 5.0V
350.0mA max
Vs = 12.0V
Steady state current consumption @25°C
250.0mA max
Vs = 5.0V
150.0mA max
Vs = 12.0V
RF output
Output waveform
Sine wave
HCMOS
Output load
50.0Ω
15.0pF
±10%
Output level
Min: +7.0dBm
‐
Harmonics
‐25.0dBc max
‐
Duty cycle
‐
40%/60%'
@ Vs/2
Rise/Fall time
‐
5.0ns
@ 10% ~ 90% Vs
Warm‐up time at +25°C
3.0 minute typical, 5.0 minute max
∆f final/ fnominal < ±0.1ppm
Phase noise
Contact factory
Frequency stability (Typical, @ 10.00MHz)
 Initial tolerance
±300.0ppb max
At +25°C, Vc @ centre value
 vs Operating temperature range
±5.0ppb ~ ±200.0ppb
Table 1
 vs Supply voltage variation
±10.0ppb max
Vs ± 5%
 vs Load change
±5.0ppb max
RL ± 10%
Long term aging/day
AT‐cut: ±10.0ppb max ||SC‐cut: ±2.0ppb max
After 30 days operation
Long term aging 1  year
AT‐cut: 300.0ppb typical, ±500.0ppb max
SC‐cut: 50.0ppb typical, ±200.0ppb max
After 30 days operation
Frequency adjustment range
Electronic frequency control (EFC)
AT‐cut: ±2.0ppm min, ±5.0ppm max
SC‐cut: ±0.8ppm min
EFC voltage Vc
Vref/2 ± Vref/2
EFC slope
Positive
EFC input impedance
100.0kΩ min
Absolute maximum ratings
Supply voltage Vs
Min: ‐ 0.5V
Max: Vs + 10%
Vs to GND
Control voltage Vc
Min: ‐0.5V
15V
Vc to GND
Storage temperature
‐55°C ~ +125°C
Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm 
●  Through hole package
●  high stability OCXO
●  Unit weight: 25gm max
●  RoHS compliant
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - OX610

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
OX6134A-FZ RALTRON-OX6134A-FZ Datasheet
45Kb / 2P
OCXO
OX6134A-LX RALTRON-OX6134A-LX Datasheet
45Kb / 2P
OCXO
OX6134A-LZ RALTRON-OX6134A-LZ Datasheet
45Kb / 2P
OCXO
OX6136A-FZ RALTRON-OX6136A-FZ Datasheet
45Kb / 2P
OCXO
OX6136A-LX RALTRON-OX6136A-LX Datasheet
45Kb / 2P
OCXO
More results

Similar Description - OX610

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX260 ACT-OX260 Datasheet
284Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 6.5mm
01/06/2017
OX310 ACT-OX310 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 20.5 x 20.5 x 12.0mm
01/06/2017
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX660 ACT-OX660 Datasheet
297Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
OX665 ACT-OX665 Datasheet
298Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
OX1410 ACT-OX1410 Datasheet
266Kb / 3P
OCXO, Sine wave, HCMOS, 25.6 x 22.2 x 14.0mm
01/06/2017
OX1510 ACT-OX1510 Datasheet
243Kb / 3P
OCXO, Sine wave, HCMOS, 27.8 x 27.8 x 15.5mm
01/06/2017
logo
Transko Electronics, In...
OX-E TRANSKO-OX-E Datasheet
425Kb / 2P
OCXO 36.1 X 27.2 X 13mm “EURO” PACKAGE
Rev. 2: Mar. 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com