Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX640 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # OX640
Description  Ultra low noise OCXO, Sine wave, 36.1 x 27.1 x 14.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX640 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  OX640 Datasheet HTML 1Page - Advanced Crystal Technology OX640 Datasheet HTML 2Page - Advanced Crystal Technology OX640 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OX640 Series
Ultra low noise OCXO, Sine wave, 36.1 x 27.1 x14.0mm 
Drawing control: (Internal use only)
Issue number : 1
Date : 01/06/2017
Internal reference : O1
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Table 3: Environmental conditions
Test
IEC60068 part…
IEC 60679‐1 
Clause
MIL‐STD‐202G 
Method
MIL‐PRF‐810F
 Method
MIL‐PRF‐55310D
Clause
Test conditions (IEC)
Sealing tests 
(if applicable)
2‐17
5.6
112E
3.6
Gross leak: Test QC, 
Fine leak : Test QK
Solderability resistance 
to 
soldering heat
2‐20
2‐58
5.6
208H
210F
3.6.52
3.6.48
Test Ta Method 1
Test Td1 Method 2
Test Td2 Method 2
Shock
2‐27
5.6.8
213B
516.4
3.6
Test Ea, 3 x per axes 100g, 
6 ms half sine pulse
Vibration, sinusoidal
2‐6
5.6.7.1
201A
204D
516.4‐4
3.6.38.1
3.6.38.2
Test Fc, 30 min per axes, 
10Hz ‐ 55Hz 0, 75mm; 55Hz‐2kHz, 10g
Vibration, random
2‐64
5.6.7.3
214A
514.5
3.6.38.3
3.6.38.4
Test Fdb
Endurance  Tests
 ‐Ageing
 ‐ extended aging
5.7.1
5.7.2
108A
4.8
30 days @ 85°C, OCXO @ 25°C
1000h, 2000h, 8000h @ 85°C
ACT part number
ACT will provide a unique part number with full specification based on your requirements, please provide the following details.
ACT series
Frequency (MHz)
Supply voltage
(V)
Output type
Frequency stability 
(ppb)
Operating 
temperature range 
(°C)
Phase noise 
OX640
 
Option A
Option B
Option C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com