Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEBP2W Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEBP2W
Description  Projection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP2W Datasheet(HTML) 4 Page - OSRAM GmbH

  LEBP2W Datasheet HTML 1Page - OSRAM GmbH LEBP2W Datasheet HTML 2Page - OSRAM GmbH LEBP2W Datasheet HTML 3Page - OSRAM GmbH LEBP2W Datasheet HTML 4Page - OSRAM GmbH LEBP2W Datasheet HTML 5Page - OSRAM GmbH LEBP2W Datasheet HTML 6Page - OSRAM GmbH LEBP2W Datasheet HTML 7Page - OSRAM GmbH LEBP2W Datasheet HTML 8Page - OSRAM GmbH LEBP2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2017-06-28
4
Version 2.13
LE B P2W
Characteristics (TBoard = 25 °C; IF = 24000 mA; all dies operated in parallel; f = 1000 Hz; tint = 100 ms; D
0.25)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
455
nm
Dominant Wavelength
2) page 19
Dominantwellenlänge 2) Seite 19
(min.)
(typ.)
(max.)
λdom
λdom
λ
dom
444
459
465
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
27
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage
3) page 19 , 4) page 19
Durchlassspannung 3) Seite 19 , 4) Seite 19
(min.)
(typ.)
(max.)
VF
VF
VF
3.20
3.55
4.30
V
V
V
Deviation of forward voltage of all chips
Abweichung der Durchlassspannung aller Chips
(max.)
V
F
135
mV
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Partial Flux acc. CIE 127:2007
Partieller Fluss
E 120° = x * ΦE 180°)
(typ.)
ΦE/V, 120°
0.82
Radiating surface
Abstrahlende Fläche
(typ.)
Acolor
2.6 x 3.2
mm²
Thermal resistance junction / board 5) page 19
Wärmewiderstand Sperrschicht / Board 5) Seite 19
(typ.)
R
th JB real
0.7
K/W
Thermal resistance junction / board
5) page 19
Wärmewiderstand Sperrschicht / Board
5) Seite 19
(with efficiency ηe = 30 %)
(typ.)
Rth JB el
0.5
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com