Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCT-58S460-R Datasheet(PDF) 14 Page - Teledyne Technologies Incorporated

Part # CCT-58S460-R
Description  Normally Open Coaxial Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-58S460-R Datasheet(HTML) 14 Page - Teledyne Technologies Incorporated

Back Button CCT-58S460-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-58S460-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-58S460-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-58S460-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCT-58S460-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCT-58S460-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCT-58S460-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCT-58S460-R Datasheet HTML 13Page - Teledyne Technologies Incorporated CCT-58S460-R Datasheet HTML 14Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
CCT-58S/CT-58S Page 14
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCT-58S\CT-58S\082013\Q3
Series CCT-58S/CT-58S
Multi-Throw DC-26.5 GHz
Normally Open Coaxial Switch
COAX SWITCHES
PART NO.
337
CT-58SX60-DS
338
CT-58SX60-M
359
CT-58SX60-MS
340
CT-58SX60-R
341
CT-58SX60-RM
342
CT-58SX60-RMS
343
CT-58SX60-RS
344
CT-58SX60-S
345
CT-58SX60-T
346
CT-58SX60-TD
347
CT-58SX60-TDM
348
CT-58SX60-TDMS
349
CT-58SX60-TDS
350
CT-58SX60-TM
351
CT-58SX60-TMS
352
CT-58SX60-TS
NORMALLY OPEN CCT-58S/CT-58S PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com