Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5775AD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SA5775AD Datasheet

  • # Example questions: ➢ What package types are documented in the datasheet for the sa5775a, and what does sot38-4 represent?
    ➢ For what type of applications are the products *not* designed for use in, due to potential safety risks?
    ➢ What is the typical input frequency (fsclk) for the sa5775a, as specified in the ac electrical characteristics section?

  • Part No.SA5775AD
    ManufacturerPHILIPS
    Size111 Kbytes
    Pages10 pages
    DescriptionDifferential air core meter driver
    Datasheet Summary with AI

    Okay, here's a summary of the provided text, which is a datasheet for the Philips (now NXP) SA5775A differential air-core meter driver:

    SA5775A Datasheet Summary

    Device Overview:

    ️· The SA5775A is an integrated circuit designed to drive differential air-core meter movements. It's intended for use in applications like analog meters and instrumentation. It allows for serial digital control over the meter deflection.

    Key Features/Specifications:

    ️· Differential Output: Provides a precise differential signal to the meter coils, improving accuracy and reducing errors.
    ️· Serial Interface: Controlled by a serial peripheral interface (SPI), allowing for digital setting of the meter position.
    ️· High Accuracy: Designed for precise meter readings with minimal error.
    ️· Wide Supply Voltage Range: Operates over a specified voltage range.
    ️· Package Options: Available in DIP16 and SO28 packages.
    ️· Operating frequency: Up to 1.6 MHz.
    ️· Typical Application: Analog Meter, Instrumentation

    Key Sections in the Datasheet:

    ️· Electrical Characteristics: Includes absolute maximum ratings, recommended operating conditions, and DC/AC electrical specifications.
    ️· Timing Diagrams: Details the timing requirements for the serial interface (clock, data setup/hold times, etc.).
    ️· Application Information: Provides typical application circuits and guidance on implementing the SA5775A.
    ️· Package Information: Includes outlines for the DIP16 and SO28 packages.
    ️· Error graphs: Provide an analysis of the device's error over various input codes.



    Datasheet Notes:

    ️· The datasheet includes standard disclaimers regarding life support applications and the right to make changes without notice.
    ️· It is dated September 1999 and is a comprehensive document providing detailed technical information for engineers designing with the SA5775A.

    In essence, this datasheet is a guide for using the SA5775A in applications requiring a digitally controlled, high-precision analog meter driver. It provides all the necessary technical information for designing, implementing, and troubleshooting systems based on this IC.

    SA5775A Datasheet Summary

    Device Overview:

    ️· The SA5775A is an integrated circuit designed to drive differential air-core meter movements. It's intended for use in applications like analog meters and instrumentation. It allows for serial digital control over the meter deflection.

    Key Features/Specifications:

    ️· Differential Output: Provides a precise differential signal to the meter coils, improving accuracy and reducing errors.
    ️· Serial Interface: Controlled by a serial peripheral interface (SPI), allowing for digital setting of the meter position.
    ️· High Accuracy: Designed for precise meter readings with minimal error.
    ️· Wide Supply Voltage Range: Operates over a specified voltage range.
    ️· Package Options: Available in DIP16 and SO28 packages.
    ️· Operating frequency: Up to 1.6 MHz.
    ️· Typical Application: Analog Meter, Instrumentation

    Key Sections in the Datasheet:

    ️· Electrical Characteristics: Includes absolute maximum ratings, recommended operating conditions, and DC/AC electrical specifications.
    ️· Timing Diagrams: Details the timing requirements for the serial interface (clock, data setup/hold times, etc.).
    ️· Application Information: Provides typical application circuits and guidance on implementing the SA5775A.
    ️· Package Information: Includes outlines for the DIP16 and SO28 packages.
    ️· Error graphs: Provide an analysis of the device's error over various input codes.



    Datasheet Notes:

    ️· The datasheet includes standard disclaimers regarding life support applications and the right to make changes without notice.
    ️· It is dated September 1999 and is a comprehensive document providing detailed technical information for engineers designing with the SA5775A.

    In essence, this datasheet is a guide for using the SA5775A in applications requiring a digitally controlled, high-precision analog meter driver. It provides all the necessary technical information for designing, implementing, and troubleshooting systems based on this IC.

    Part No.SA5775AD
    ManufacturerPHILIPS
    Size111 Kbytes
    Pages10 pages
    DescriptionDifferential air core meter driver